Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 38-R144F5000

  • AI
    Based on the part number **38-R144F5000**, this component belongs to a category of industrial electronic parts, specifically identified as an **Incremental Rotary Encoder**. This particular model is commonly manufactured by **Nemicon** or associated with **Yaskawa** motion control systems. --- ### 1. Technical Specifications The part number is a coded string that defines the physical and electrical characteristics of the encoder. | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Incremental | Provides pulse signals based on movement relative to a start point. | | **Resolution** | 5000 PPR | Provides 5,000 Pulses Per Revolution for high precision. | | **Shaft Diameter** | 6mm or 8mm | Standard industrial shaft sizing for motor coupling. | | **Output Phase** | A, B, Z | Standard quadrature output (A/B) with a Zero index (Z). | | **Supply Voltage** | 5V - 24V DC | Typically compatible with standard PLC and drive inputs. | --- ### 2. Key Internal Components An encoder like the **38-R144F5000** consists of several critical electronic and optical sub-assemblies: * **LED Light Source:** An infrared LED that shines through a coded disk. * **Coded Disk (Glass or Plastic):** A rotating disk with 5,000 microscopic slits that interrupt the light beam to create pulses. * **Photo-Detector Array:** High-speed sensors that convert light pulses into electrical signals. * **Signal Processing Circuitry:** Internal ICs that square the wave (Schmitt Trigger) and provide differential line driving to prevent noise interference. --- ### 3. Connection and Wiring Standard wiring for this series usually follows a color-coded industrial scheme for integration into Servo Drives or PLCs: ```yaml Red: Vcc (Power Supply) Black: 0V (Ground) Green: Phase A White: Phase B Yellow: Phase Z (Index) Shield: Frame Ground ``` --- ### 4. Applications The **38-R144F5000** is primarily used in high-precision motion control environments: 1. **CNC Machinery:** For precise positioning of tool heads. 2. **Servo Motors:** Used as a feedback loop to tell the drive exactly how far the motor has turned. 3. **Robotic Arms:** Ensuring repeatable accuracy in joint movements. 4. **Conveyor Systems:** Synchronizing the speed of multiple belts. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ How do I troubleshoot a 'Missing Pulse' error on this encoder model?
    • ⤷ What are the compatible couplings for a 6mm encoder shaft?