Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 396-R1-B

  • AI
    The **396-R1-B** is a specific electronic component identifier commonly associated with **Liquid Level Sensors** (specifically optical or ultrasonic switches) or specialized **RF/Coaxial connectors**, depending on the manufacturer (often Gems Sensors or similar industrial hardware providers). Below is a breakdown of the electronic specifications and characteristics typically associated with this part series. --- ### 1. General Specifications If this part refers to the **Optical Liquid Level Sensor** series (a common application for this part number), the specifications are as follows: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V DC to 24V DC (Standard Range) | | **Output Type** | Open Collector (Sink/NPN or Source/PNP) | | **Current Consumption** | ~15mA to 25mA | | **Operating Pressure** | Up to 2500 PSI (depending on housing) | | **Termination** | Lead wires or customized connectors | ### 2. Key Electronic Components The internal circuitry of a 396-R series device typically consists of: * **Infrared LED:** Acts as the light source. When no liquid is present, the light reflects back to the sensor. * **Phototransistor:** Acts as the receiver. When liquid covers the sensor tip, the infrared light is "lost" into the liquid, causing the phototransistor to change state. * **Internal Regulator:** Allows the device to handle a range of input voltages without damaging the optical components. * **Switching Transistor:** Handles the actual output signal to the PLC or microcontroller. ### 3. Wiring Configuration Most variations of the 396-R series follow a standard industrial 3-wire color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Positive Power Supply (e.g., +12V) | | **Black** | GND | Common Ground | | **White/Blue** | Signal Out | Logic output (High/Low based on wet/dry) | --- ### 4. Implementation Example To interface this part with an Arduino or PLC, you typically need a pull-up resistor if the output is an Open Collector type. ```cpp // Basic Logic for Reading 396-R1-B Sensor const int sensorPin = 2; // Signal wire connected to digital pin 2 void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up Serial.begin(9600); } void loop() { int sensorState = digitalRead(sensorPin); if (sensorState == LOW) { Serial.println("Liquid Detected!"); } else { Serial.println("Dry"); } delay(500); } ``` --- ### 5. Identification Check If your part is a **RF Connector** (found in some military/telecom catalogs), the "396-R1-B" refers to: * **Impedance:** 50 Ohms. * **Body Material:** Brass with Nickel or Gold plating. * **Dielectric:** PTFE (Teflon).
    ✨ Follow-up Questions
    • ⤷Is the 396-R1-B you are referring to a liquid level sensor or a connector?
    • ⤷ What is the specific manufacturer name on the component casing?
    • ⤷ What voltage are you planning to use for this part?