Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 398LBA050M2CD

  • AI
    The **398LBA050M2CD** is a high-performance **Aluminum Electrolytic Capacitor**, typically categorized under "Snap-In" terminals. This component is designed for power supply applications requiring high ripple current capability and long-term reliability. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance** | 3900 µF (Microfarads) | | **Voltage Rating** | 50 VDC | | **Tolerance** | ±20% | | **Operating Temperature** | -40°C to +105°C | | **Lifetime / Endurance** | ~2000 to 3000 Hours @ 105°C | | **Mounting Type** | Through Hole (Snap-In) | | **Termination** | 2-Pin Snap-In | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer (often associated with brands like **Illinois Capacitor / CDE**), the code generally breaks down as follows: * **398**: Represents the capacitance value. The first two digits (39) are the significant figures, and the third (8) is the multiplier ($10^8$ in pF), resulting in **3,900,000,000 pF** or **3,900 µF**. * **LBA**: Refers to the specific Series (Large Board Aluminum). This series is known for being compact with high ripple current handling. * **050**: Indicates the Maximum Working Voltage (**50 Volts**). * **M**: Represents the Tolerance code (**±20%**). * **2CD**: Refers to the Physical Case Size and Lead Style (Diameter x Length). --- ### 3. Application & Usage This capacitor is primarily used in the "Smoothing" stage of power conversion. * **Switch Mode Power Supplies (SMPS):** Used to filter rectified AC into a stable DC voltage. * **Audio Amplifiers:** Acts as a reservoir for power during high-demand transients (bass hits). * **Industrial Controls:** Used in motor drives and UPS systems to bridge power gaps and reduce ripple noise. * **DC-DC Converters:** High-capacity energy storage. --- ### 4. Important Considerations * **Polarity:** This is a polarized component. Installing it backwards will lead to gas buildup and potential explosion/venting. * **ESR (Equivalent Series Resistance):** Large capacitors like the 398LBA050M2CD have low ESR, which is critical for minimizing heat generation during high-frequency operation. * **De-rating:** For maximum longevity, it is recommended to operate the capacitor at 80% or less of its rated voltage (e.g., using it in a 36V or 40V circuit).
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (Diameter x Height) for the 2CD case size?
    • ⤷ Are there low-ESR alternatives to the LBA series for high-frequency applications?
    • ⤷ How does the ripple current rating affect the lifespan of this capacitor?