Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AB1-R

  • AI
    The **3AB1-R** refers to a specific series of ceramic body fuses manufactured by **Littelfuse**. These parts are designed for high-current applications and provide robust overcurrent protection. --- ### 1. Key Technical Specifications The "3AB" designation indicates the physical size (6.3 x 32mm), while the "-R" suffix typically denotes **RoHS compliance** (Lead-free). | Feature | Specification | | :--- | :--- | | **Body Material** | Ceramic | | **Physical Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Speed Rating** | Fast-Acting (F) | | **Voltage Rating** | Typically 250V AC (Standard for 314 series) | | **Amperage Range** | 100mA to 30A (Depending on exact model) | | **Termination** | Cartridge or Axial Leaded | --- ### 2. Physical Characteristics * **Ceramic Body:** Unlike glass fuses, the ceramic body allows for a higher interrupting rating. This means the fuse can safely break a circuit even under very high short-circuit current conditions without shattering. * **Fill Material:** Many 3AB fuses are filled with sand (silica) to quench the electrical arc that forms when the fuse blows. --- ### 3. Comparison: 3AB vs. 3AG It is common to compare the 3AB series with the 3AG series: | Feature | 3AB Series (Ceramic) | 3AG Series (Glass) | | :--- | :--- | :--- | | **Visibility** | Opaque (Cannot see if blown) | Transparent (Visible filament) | | **Heat Resistance** | Very High | Moderate | | **Interrupting Rating** | High (e.g., 1500A @ 250V) | Low (e.g., 100A @ 250V) | | **Best For** | Heavy Industrial/High Power | Consumer Electronics/Light Load | --- ### 4. Common Applications The 3AB1-R series is widely used in environments where high energy levels are present: * **Power Supplies:** Protecting the input stage of industrial AC/DC converters. * **Uninterruptible Power Supplies (UPS):** High-current battery backup systems. * **Motors:** Small motor protection where high inrush currents might occur. * **Appliances:** High-wattage kitchen or heating appliances. --- ### 5. Part Number Breakdown (Example) If you see a part labeled `0314001.MXP` (A common 3AB variant): * **0314:** The Series Number (Fast-acting ceramic). * **001:** Amperage (1 Amp). * **M:** Package quantity code. * **P:** Lead-free/RoHS.
    ✨ Follow-up Questions
    • ⤷ What is the difference between fast-acting and time-delay (slow-blow) ceramic fuses?
    • ⤷ How do I test if a 3AB ceramic fuse is blown since I cannot see through it?
    • ⤷ Can I replace a 3AG glass fuse with a 3AB ceramic fuse of the same rating?