Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AB1.5-R

  • AI
    The **3AB1.5-R** is a specific model of an electronic protection component, categorized as a **miniature cartridge fuse**. It is widely used in power supplies, industrial equipment, and consumer electronics to protect circuits from overcurrent conditions. --- ## 1. Technical Specifications The part number "3AB1.5-R" follows a standard naming convention (often associated with manufacturers like **Littelfuse** or **Bel Fuse**). | Feature | Specification | | :--- | :--- | | **Current Rating** | 1.5 Amperes (1.5A) | | **Voltage Rating (AC)** | 250 Volts (Typical) | | **Fuse Type** | Ceramic Body / 3AB Series | | **Size/Dimensions** | 6.3mm x 32mm (1/4" x 1-1/4") | | **Speed/Characteristic** | Fast-Acting (F) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ## 2. Component Composition The "3AB" designation refers to the physical build and size of the fuse: * **Ceramic Body:** Unlike glass fuses (3AG), the 3AB uses a ceramic tube. This allows for a higher "Interrupting Rating" (Breaking Capacity), meaning the fuse can safely clear a much higher short-circuit current without shattering. * **End Caps:** Nickel-plated brass or copper alloy caps provide the electrical contact points. * **Internal Element:** A thin metallic wire or strip designed to melt when the current exceeds 1.5A for a specific duration. --- ## 3. Key Characteristics ### Fast-Acting Design This fuse is "Fast-Acting," meaning it is designed to open very quickly when an overload occurs. It does not have the "Time-Delay" (Slow-Blow) feature found in components meant to handle motor startup surges. ### Breaking Capacity Because of the ceramic construction, these fuses often have an interrupting rating of several hundred to several thousand amperes at 250VAC, making them safer for high-energy industrial circuits compared to standard glass fuses. ### The "-R" Suffix In the electronics industry, the **-R** usually signifies **RoHS Compliance**, meaning the part is manufactured without lead, mercury, cadmium, or other hazardous substances restricted by environmental regulations. --- ## 4. Common Applications * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Test Equipment:** Multimeters and oscilloscopes often use 1/4" x 1-1/4" ceramic fuses. * **Industrial Control Panels:** Protecting low-power control circuits. * **Appliances:** High-draw appliances where a ceramic body is required for fire safety.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between 3AB and 3AG fuses?
    • ⤷How do I test a 3AB1.5-R fuse using a multimeter?
    • ⤷Can I replace a fast-acting 3AB fuse with a slow-blow version?