Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AB10-R

  • AI
    The **3AB10-R** is a specific model of a **Ceramic Body Cartridge Fuse**, part of the 3AB series (equivalent to the 3AG size but with a ceramic body for higher interrupting ratings). It is manufactured by companies like Littelfuse and Bel Fuse. Below is a breakdown of its technical specifications, construction, and typical applications. --- ### 1. Technical Specifications The "10-R" suffix typically denotes a 10 Ampere rating and compliance with RoHS standards. | Feature | Specification | | :--- | :--- | | **Current Rating** | 10 Amperes (10A) | | **Voltage Rating (AC)** | 250V (Standard) | | **Body Material** | Ceramic | | **Response Characteristic** | Fast-Acting (F) | | **Dimensions** | 6.3mm x 32mm (1/4" x 1-1/4") | | **Termination Style** | Cartridge (Ferrule) | | **Interrupting Rating** | High (Commonly 750A - 1500A @ 250VAC) | | **RoHS Compliant** | Yes (indicated by the "-R") | --- ### 2. Key Components and Construction The 3AB10-R is designed to handle higher energy levels than standard glass fuses. * **Ceramic Tube:** Unlike glass fuses, the ceramic body is opaque and much stronger. It allows the fuse to withstand higher temperatures and internal pressure during a high-current short circuit without shattering. * **Internal Element:** A calibrated wire or strip made of copper or silver alloy that melts when the current exceeds 10A for a specific duration. * **Arc Quenching Filler:** Many 3AB fuses are filled with high-purity silica sand. This sand helps extinguish the electrical arc formed when the fuse blows, preventing the current from jumping across the gap. * **Nickel-Plated Brass Caps:** Ensure high conductivity and corrosion resistance at the contact points. --- ### 3. Comparison: 3AB vs. 3AG | Feature | 3AB (Ceramic) | 3AG (Glass) | | :--- | :--- | :--- | | **Visibility** | Opaque (cannot see if blown) | Transparent (easy to inspect) | | **Breaking Capacity** | High (Interrupts high fault currents) | Low to Medium | | **Durability** | High thermal and shock resistance | Fragile | --- ### 4. Typical Applications Due to its high interrupting rating, the 3AB10-R is commonly used in industrial and high-power environments: * **Power Supplies:** Protecting the primary side of AC/DC converters. * **Industrial Controls:** Protecting PLCs and heavy-duty relays. * **Appliances:** High-wattage kitchen appliances and HVAC systems. * **Motors:** Used in circuits where initial "in-rush" current might occur, though fast-acting types like this are usually for sensitive electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'Fast-Acting' and 'Slo-Blo' fuse in the 3AB series?
    • ⤷ How can I test a 3AB10-R fuse if I cannot see through the ceramic body?
    • ⤷ Are there specific fuse holders recommended for the 6.3mm x 32mm form factor?