Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3ABP1.6-R

  • AI
    The **3ABP1.6-R** is a specific type of high-voltage, fast-acting subminiature fuse, commonly used in power supplies, industrial control boards, and sensitive electronic equipment. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for the 3ABP1.6-R: | Parameter | Value / Description | | :--- | :--- | | **Current Rating** | 1.6 Amperes (1.6A) | | **Voltage Rating** | 250V AC (Standard) | | **Fuse Type** | Fast-Acting / Quick-Acting (F) | | **Form Factor** | Axial Leaded (Subminiature) | | **Body Material** | Ceramic or Glass (usually Ceramic for high breaking capacity) | | **Dimensions** | Approx. 3.6mm x 10mm | | **Termination Style** | Through-hole (Soldered leads) | --- ### 2. Key Features and Construction The "3ABP" series represents a specific family of subminiature fuses. Here are the core electronic parts and features: * **Internal Wire Element:** Made of a specific alloy designed to melt almost instantly when the current exceeds 1.6A. This prevents damage to downstream sensitive semiconductors. * **Axial Leads:** The "-R" suffix often indicates compliance with RoHS (Restriction of Hazardous Substances) standards and refers to the leaded design, allowing it to be soldered directly onto a PCB (Printed Circuit Board) without a fuse holder. * **Ceramic Tube Body:** Unlike standard glass fuses, the ceramic body provides a higher breaking capacity, meaning it can safely interrupt a higher fault current without the fuse body shattering. --- ### 3. Application and Usage This part is typically found in: 1. **AC/DC Adapters:** Protecting the primary side of the power circuit. 2. **LED Lighting:** Protecting drivers from overcurrent spikes. 3. **Chargers:** Serving as a final safety fail-safe. ### 4. Comparison: Fast-Acting vs. Time-Delay It is critical to note that the **3ABP** is "Fast-Acting." In circuit design, this behaves differently than "Slow-Blow" (T-type) fuses: ```markdown - Fast-Acting (3ABP): Blows immediately upon reaching peak current. Best for protecting ICs. - Time-Delay (3SBP): Withstands temporary inrush currents (like motor starts). ``` ---
    ✨ Follow-up Questions
    • ⤷What is the interrupting rating (breaking capacity) of the 3ABP1.6-R?
    • ⤷ Can a glass fuse be used as a direct substitute for this ceramic axial fuse?
    • ⤷ How does the 'R' suffix impact the environmental compliance of the part?