Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3ABP15-R

  • AI
    The **3ABP15-R** is a specific part number typically associated with **Switching Power Supplies** or **AC/DC Converters**, often produced by manufacturers like *3A (3A-Plus)* or utilized in specific industrial hardware. Below is a detailed breakdown of its typical specifications and electronic characteristics. --- ### 1. General Specifications The 3ABP15-R is usually a high-efficiency power module designed for stability and a compact footprint. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal Input) | | **Output Voltage** | 15V DC | | **Output Current** | 1.0A to 2.0A (Varies by specific revision) | | **Power Rating** | ~15W to 30W | | **Efficiency** | > 80% (Energy Star/DOE Level VI compliant) | | **Connector Type** | Usually 2.1mm or 2.5mm DC Barrel Jack | --- ### 2. Key Electronic Components Internally, the 3ABP15-R consists of several critical stages common to SMPS (Switched-Mode Power Supplies): * **Input Protection:** Includes a fuse and a MOV (Metal Oxide Varistor) to protect against power surges and overcurrent. * **Rectification Bridge:** Converts the incoming AC sine wave into a pulsating DC voltage. * **PWM Controller:** A high-frequency switching chip that regulates the output voltage by modulating the duty cycle. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side for safety. * **Feedback Optocoupler:** Uses light to send a signal back to the controller to maintain a steady 15V output regardless of load changes. --- ### 3. Protection Mechanisms The "-R" suffix often denotes "RoHS Compliant" or a specific "Regulated" revision. These units generally include: 1. **SCP (Short Circuit Protection):** Automatically shuts down if the positive and negative terminals touch. 2. **OVP (Over Voltage Protection):** Prevents the output from exceeding safe limits (e.g., hitting 18V+). 3. **OCP (Over Current Protection):** Limits the output current to prevent overheating. --- ### 4. Common Applications Due to its 15V output, this part is frequently found in: * LCD Monitors and small displays. * Networking equipment (Routers, Switches). * LED lighting strips. * Charging stations for portable medical or industrial devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions and pinout for the 3ABP15-R?
    • ⤷ How does the efficiency rating of this part compare to linear power supplies?
    • ⤷ Can this power supply be used in parallel with another unit for higher current?