Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AG1-R

  • AI
    ### Overview of the 3AG1-R The **3AG1-R** is a specific type of **electronic fuse**. In the world of electronic components, the "3AG" designation refers to a standard physical size, while the "R" typically signifies RoHS compliance (Restriction of Hazardous Substances). --- ### Technical Specifications The following table highlights the standard characteristics of a 3AG1-R fuse: | Feature | Specification | | :--- | :--- | | **Component Type** | Cartridge Fuse | | **Size Designation** | 3AG (also known as 0.25" x 1.25" or 6.3mm x 32mm) | | **Current Rating** | 1 Ampere | | **Material** | Glass Body with Nickel-plated Brass Caps | | **Response Time** | Fast-Acting (F) / Normal Blow | | **Compliance** | RoHS Compliant (Lead-Free) | --- ### Key Features and Functionality 1. **Fast-Acting Protection:** The 3AG1-R is designed to open (blow) quickly when an overcurrent situation occurs. This protects sensitive electronic components from damage caused by short circuits or power surges. 2. **Visible Element:** Because it utilizes a glass body, the internal filament is visible. This allows technicians to easily inspect whether the fuse has blown without needing a multimeter. 3. **Physical Dimensions:** The 3AG size is one of the most common fuse standards in North America, making it easy to find replacement holders and clips. 4. **Environmental Safety:** The "R" suffix ensures the part is manufactured without hazardous materials like lead or cadmium, meeting modern international environmental standards. --- ### Common Applications The 3AG1-R is used in a wide variety of low-to-medium power electronics: * **Consumer Electronics:** Amplifiers, older television sets, and home audio equipment. * **Power Supplies:** Used on the primary or secondary side of small transformers. * **Test Equipment:** Multimeters and signal generators often use 1A fuses for internal protection. * **Industrial Controls:** Small control panels where 1 Amp of current is the maximum safe operating limit. --- ### Installation and Safety * **Turn off Power:** Always disconnect the device from its power source before replacing a fuse. * **Check Ratings:** Never replace a 1A fuse with a higher-rated fuse (e.g., 5A), as this removes the safety protection for the circuit. * **Orientation:** Since it is a non-polarized component, it can be installed in either direction within the fuse holder.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Slow-Blow (Time-Delay) fuse?
    • ⤷ How do I test if a 3AG1-R fuse is blown using a digital multimeter?
    • ⤷ Are there ceramic versions of the 3AG size
    • ⤷ and when should they be used instead of glass?