Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AG10-R

  • AI
    The **3AG10-R** typically refers to a specific type of **Fast-Acting Glass Tube Fuse**. The alphanumeric code identifies its size, electrical characteristics, and compliance standards. --- ## 1. Technical Specifications The "3AG" designation is a standard industry size for fuses, commonly used in North America for consumer electronics and industrial equipment. | Feature | Specification | | :--- | :--- | | **Form Factor** | 3AG (also known as 0.25" x 1.25" or 6.3mm x 32mm) | | **Material** | Glass Tube with Nickel-plated Brass Endcaps | | **Current Rating** | 10 Amperes (indicated by the "10") | | **Voltage Rating** | Typically 250V AC | | **Response Time** | Fast-Acting (F) / Quick Acting | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Key Components & Construction The fuse is comprised of four primary electronic/mechanical parts: 1. **The Glass Body:** Provides a transparent housing that allows for visual inspection. If the fuse is "blown," you can often see a broken wire or dark scorching inside. 2. **The Element:** A thin metallic wire or strip designed to melt at a specific temperature (caused by overcurrent). In a **10A** version, this wire is calibrated to withstand 10 Amps indefinitely but melt rapidly if the current spikes. 3. **Endcaps:** Conductive caps that provide the electrical interface between the fuse and the fuse holder. 4. **Arc Quenching Media:** While some 3AG fuses are hollow, higher-voltage variants may contain silica sand to extinguish the electrical arc formed when the fuse blows. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in sourcing replacements: * **3AG:** The physical size (1/4 inch diameter, 1-1/4 inch length). * **10:** The Maximum Current rating (10 Amps). * **-R:** Indicates **RoHS compliance**, meaning the part is manufactured without hazardous substances like lead. --- ## 4. Typical Applications Because it is a **Fast-Acting** fuse, the 3AG10-R is used to protect sensitive components that cannot withstand even a brief surge. * **Power Supplies:** Protecting the input stage of desktop computers or laboratory equipment. * **Amplifiers:** Safeguarding output transistors in audio equipment. * **Test Instruments:** Used inside multimeters and oscilloscopes. * **Consumer Appliances:** Microwave ovens and older television sets. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3AG and a 3AB fuse?
    • ⤷ How do I test if a 3AG10-R fuse is blown using a multimeter?
    • ⤷ Can I replace a Fast-Acting 10A fuse with a Slow-Blow 10A fuse?