Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AG3AP100-R

  • AI
    ## Technical Overview: 3AG3AP100-R The **3AG3AP100-R** is a specific electronic component, typically identified as a **Radial Lead Metal Oxide Varistor (MOV)**. These components are primarily used for voltage surge protection in electronic circuits. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for this part series, here are the likely technical parameters: | Parameter | Specification | |:---|:---| | **Component Type** | Metal Oxide Varistor (MOV) | | **Form Factor** | Radial Lead (Through-hole) | | **Voltage Rating (AC)** | ~100V - 130V (Typical) | | **Clamping Voltage** | The voltage at which the device becomes conductive to protect the circuit. | | **Energy Absorption** | Measured in Joules (J); protects against high-energy spikes. | | **Response Time** | < 25 nanoseconds | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Role in Electronics The 3AG3AP100-R acts as a **Voltage-Dependent Resistor**. Its resistance changes based on the applied voltage: * **Normal Operation:** Under standard operating voltage, the varistor maintains high resistance, acting as an open circuit. * **Surge Event:** When a high-voltage spike (lightning, switching transients) occurs, the resistance drops instantly. * **Protection:** The device shunts the excess current to the ground, preventing the high voltage from reaching and damaging sensitive downstream components. --- ### 3. Application Areas This specific part is commonly found in the following environments: 1. **Power Supplies:** Input protection for AC/DC adapters. 2. **Consumer Electronics:** Safeguarding TVs, monitors, and home appliances from grid fluctuations. 3. **Industrial Controls:** Protecting PLCs and sensor interfaces from inductive load switching. 4. **Telecommunications:** Surge protection for line cards and modems. --- ### 4. Circuit Diagram Representation In a schematic, a varistor is represented by a symbol similar to a resistor but with a diagonal line across it, often placed in parallel with the load. ```text Line (L) -----------+----------- (Load) | [ 3AG3AP100-R ] <-- Shunts surge to Neutral/Ground | Neutral (N) --------+----------- (Load) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the 3AG3AP100-R?
    • ⤷ Are there specific mounting precautions for radial lead varistors?
    • ⤷ What are the common failure modes of this component during a sustained overvoltage?