Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AG3AP200-R

  • AI
    The **3AG3AP200-R** is a specific electronic component often associated with industrial automation and control systems, frequently found in the parts catalogs of manufacturers like **B&R (Bernecker + Rainer) Industrial Automation**. Below is a detailed breakdown of the technical aspects and specifications typically associated with this part. --- ## 1. Product Overview The 3AG3AP200-R is generally categorized as an **Access Panel** or a **Control Module** accessory. It serves as a human-machine interface (HMI) component or a signal processing unit within the B&R "Panel" series. ### Technical Specifications Table | Feature | Description | | :--- | :--- | | **Manufacturer** | B&R Industrial Automation | | **Component Type** | Access Panel / Remote Interface | | **Material Number** | 3AG3AP200-R | | **Input Voltage** | 24 VDC (Typical) | | **Mounting Style** | Integrated / Panel Mount | | **Status Indicators** | LED-based diagnostic indicators | | **Compatibility** | B&R Power Panel / Automation PC series | --- ## 2. Key Electronic Components Internally, the 3AG3AP200-R consists of several core electronic subsystems that allow it to function in a rugged industrial environment: ### A. Power Management Circuitry * **DC-DC Converters:** Steps down industrial 24V power to lower logic levels (3.3V or 5V) for internal ICs. * **Protection:** Includes Transient Voltage Suppressors (TVS) and fuses to protect against voltage spikes common in factory settings. ### B. Logic and Communication * **Microcontroller/FPGA:** Handles the processing of inputs from physical buttons and manages the data flow to the main PLC or Industrial PC. * **Communication Interface:** Likely utilizes a proprietary or standard fieldbus interface (such as X2X Link or POWERLINK) to communicate with the central processing unit. ### C. Interface Hardware * **Membrane Switches/Buttons:** Provides tactile feedback for operator inputs. * **Display Driver:** If equipped with a screen, it contains the circuitry required to drive the LCD/LED matrix. --- ## 3. Physical and Environmental Characteristics Because this part is designed for industrial use, its physical electronic construction adheres to strict standards: 1. **IP Protection:** Usually rated IP65 on the front side to resist dust and water ingress. 2. **Electromagnetic Compatibility (EMC):** Shielded to prevent interference from nearby high-voltage motors or drives. 3. **Vibration Resistance:** Soldered components are often reinforced to withstand constant mechanical vibration. --- ## 4. Typical Applications * **CNC Machinery:** Used as a localized control panel for tool changes or emergency stops. * **Packaging Lines:** Acts as a remote interface for operators to monitor machine status. * **Automotive Manufacturing:** Integrated into larger assembly line control systems.
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot communication errors with the 3AG3AP200-R?
    • ⤷ What are the specific wiring pinouts for the 24V power input on this module?
    • ⤷ Is the 3AG3AP200-R compatible with modern B&R Automation Studio software?