Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AG3AP400-R

  • AI
    The **3AG3AP400-R** is a specialized high-performance industrial power converter module, specifically part of the **Sinamics** or **Sivacon** families (often associated with Siemens or heavy-duty OEM power solutions). It is primarily used in large-scale power distribution and motor drive systems. --- ## 1. Technical Specifications Overview This component is designed for high-current applications and robust electrical isolation. | Feature | Specification (Standard Range) | | :--- | :--- | | **Component Type** | Power Converter / IGBT Module Assembly | | **Rated Current** | 400A | | **Voltage Class** | High Voltage (typically up to 690V - 1000V) | | **Mounting** | Chassis / Rack Mount | | **Cooling** | Forced Air or Heat Sink Interface | --- ## 2. Key Electronic Internal Parts The assembly consists of several critical sub-components that manage electricity flow and protection: ### A. Power Semiconductors (IGBTs) * **Function:** Insulated Gate Bipolar Transistors act as the high-speed switches. * **Role:** They convert DC voltage into AC voltage (or vice versa) by switching at high frequencies (PWM - Pulse Width Modulation). ### B. DC-Link Capacitors * **Function:** Large electrolytic or film capacitors. * **Role:** They smooth the rectified DC voltage and act as an energy buffer to handle sudden spikes in power demand. ### C. Gate Driver Board * **Function:** The control interface between the low-voltage logic (PLC/Controller) and the high-voltage IGBTs. * **Role:** It provides the necessary current to charge the gate of the IGBTs and includes "Dead-time" protection to prevent short circuits. ### D. Current Sensors (Hall Effect) * **Function:** Integrated sensors that monitor the output current. * **Role:** Provides real-time feedback for overcurrent protection and torque control in motor applications. --- ## 3. Applications The **3AG3AP400-R** is typically found in the following environments: 1. **Renewable Energy:** Wind turbine converters for managing power grid synchronization. 2. **Heavy Industry:** Large motor drives for mining conveyors, crushers, or centrifugal pumps. 3. **Marine:** Propulsion systems and thruster control for large vessels. --- ## 4. Maintenance and Safety Due to the high power rating (400A), this part requires specific handling protocols: * **Thermal Management:** Ensure the thermal paste (TIM) is applied correctly if replacing the unit on a heatsink. * **Discharge Time:** DC-link capacitors can hold a lethal charge for several minutes after power-off. Always measure voltage before servicing.
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan of the capacitors in a 400A power module?
    • ⤷ Are there specific diagnostic codes associated with the 3AG3AP400-R when used in Siemens drives?
    • ⤷ What are the common failure modes for high-current IGBT modules?