Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3AG4-R

  • AI
    The **3AG4-R** is a specific model of a small, fast-acting cartridge fuse. The "3AG" designation refers to the physical size of the fuse, which is one of the most common standards in the electronics industry. --- ## 1. Technical Specifications The "R" suffix typically denotes **RoHS compliance** (Restriction of Hazardous Substances), meaning it is manufactured without lead or other prohibited materials. | Feature | Specification | | :--- | :--- | | **Fuse Type** | Glass Body Cartridge | | **Size Standard** | 3AG (also known as 0.25" x 1.25" or 6.3mm x 32mm) | | **Speed/Characteristic** | Fast-Acting (F) | | **Material** | Glass tube, Nickel-plated brass end caps | | **Compliance** | RoHS Compliant | --- ## 2. Key Components A 3AG4-R fuse consists of three primary electronic/mechanical parts: 1. **The Element:** A thin wire or metallic strip inside the glass. In a **4-Amp** (implied by the '4' in many naming conventions) fast-acting fuse, this element is designed to melt instantly if the current exceeds the rated threshold. 2. **The Glass Body:** Provides insulation and allows for visual inspection. If the fuse is "blown," you can often see a broken wire or dark scorch marks inside. 3. **End Caps:** Conductive caps that snap into a fuse holder or clip. They provide the electrical connection between the circuit and the internal fuse element. --- ## 3. Comparison with Other Sizes To understand the 3AG4-R, it helps to see how it fits into the standard sizing landscape: | Type | Dimensions (Imperial) | Dimensions (Metric) | Common Use | | :--- | :--- | :--- | :--- | | **2AG** | 0.177" x 0.57" | 4.5mm x 14.5mm | Compact electronics | | **3AG (3AG4-R)** | **0.25" x 1.25"** | **6.35mm x 31.75mm** | **Appliances, Power Supplies** | | **5x20mm** | 0.20" x 0.78" | 5.0mm x 20.0mm | Global/European electronics | --- ## 4. Typical Applications * **Consumer Electronics:** Older stereo amplifiers and televisions. * **Power Supplies:** Used as a primary safety mechanism to prevent fire in case of a short circuit. * **Industrial Equipment:** Protecting control circuits and small motors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for a standard 3AG4-R fuse?
    • ⤷ How can I tell the difference between a fast-acting and a slow-blow 3AG fuse?
    • ⤷ Are 3AG fuses interchangeable with 5x20mm fuses using an adapter?