Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3JS150-R

  • AI
    The **3JS150-R** typically refers to a high-capacity power component, most commonly identified as a **Power Diode Module** or a specific type of **Fast Recovery Diode** used in industrial power electronics. Below is a breakdown of the technical and electronic characteristics of this part. --- ### 1. Technical Specifications The "3JS" series is often associated with high-current rectification. Here are the typical electrical parameters for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Rectifier Diode / Power Module | | **Max Average Forward Current ($I_{F(AV)}$)** | 150 Amperes | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600V - 1200V (depending on sub-variant) | | **Forward Voltage Drop ($V_F$)** | ~1.1V to 1.3V at rated current | | **Recovery Speed** | Standard or Fast Recovery (R-suffix often denotes Reverse Polarity or Recovery) | | **Mounting Style** | Stud Mount or Module | ### 2. Physical Construction The 3JS150-R is designed for high-thermal stress environments. * **Housing:** Usually a metal stud or a ceramic-insulated base to allow for efficient heat dissipation. * **Cathode/Anode:** In the "-R" version, this often indicates **Reverse Polarity**, where the stud is the Anode instead of the Cathode (common in bridge rectifier configurations). * **Terminal:** Heavy-duty threaded terminal to handle the 150A load without melting the connections. ### 3. Key Electronic Functions The primary role of the 3JS150-R is to control the flow of electricity in high-power circuits: 1. **Rectification:** Converting AC (Alternating Current) to DC (Direct Current) in industrial power supplies. 2. **Freewheeling:** Protecting switching devices (like IGBTs or MOSFETs) from inductive voltage spikes. 3. **Battery Charging:** Used in large-scale chargers for forklifts or backup power systems. 4. **Welding Equipment:** Acting as the output rectifier for arc welding machines. ### 4. Circuit Implementation Example When used in a simple half-wave rectifier circuit, the connection logic follows this pattern: ```mermaid graph LR A[AC Source] --> B((3JS150-R Diode)) B --> C[DC Load/Battery] C --> D[Ground/Return] ``` --- ### Installation Precautions * **Thermal Management:** Since it handles 150A, it **must** be mounted to a significant heatsink using thermal paste. * **Torque:** Ensure the stud is tightened to the manufacturer's specified torque to prevent contact resistance. * **Polarity Check:** Always verify if your specific unit is "Standard" or "Reverse" polarity using a multimeter before installation to avoid short circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between standard and reverse polarity in stud diodes?
    • ⤷ How do I calculate the heatsink size for a 150A diode?
    • ⤷ Can the 3JS150-R be used in three-phase rectification?