Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3QL60AK

  • AI
    The **3QL60AK** is a specific model of a **Three-Phase Bridge Rectifier**. It is an essential electronic component used to convert alternating current (AC) into direct current (DC) in high-power applications. --- ### 1. Technical Specifications The model number typically indicates the maximum current and voltage ratings. Below is a breakdown of the standard technical parameters for this component: | Parameter | Value / Range | | :--- | :--- | | **Component Type** | Three-Phase Diode Bridge Rectifier | | **Maximum Average Forward Current ($I_F$)** | 60 Amperes | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 800V to 1600V (depending on suffix) | | **Number of Terminals** | 5 (3 for AC Input, 2 for DC Output) | | **Operating Temperature** | -40°C to +150°C | | **Case Style** | Metal base with plastic housing (often QL-style) | --- ### 2. Physical Construction and Pins The "3QL" series features a robust design meant for industrial use. * **AC Terminals ($L1, L2, L3$):** Three input terminals meant to be connected to the phases of a 3-phase AC source. * **DC Terminals ($+, -$):** Two output terminals providing the rectified DC voltage. * **Heatsink Base:** The bottom is usually a flat metal plate (electrically isolated) to allow for mounting on a heatsink, as the device generates significant heat at 60A. --- ### 3. Key Electronic Features * **High Thermal Conductivity:** The internal diodes are packaged to transfer heat efficiently to the baseplate. * **Low Forward Voltage Drop:** Designed to minimize power loss during the conduction phase. * **Vacuum Protection:** Most high-quality 3QL rectifiers use vacuum-shielded nitrogen welding technology to protect the internal silicon chips from oxidation. --- ### 4. Common Applications Due to its 60A rating, this part is commonly found in: 1. **Industrial Battery Chargers:** Converting grid AC to DC for large battery banks. 2. **DC Motor Drives:** Providing the initial DC stage for Variable Frequency Drives (VFDs). 3. **Welding Machines:** Converting high-current AC into stable DC for arc welding. 4. **Power Supplies:** Used in the input rectification stage of large industrial switch-mode power supplies. --- ### 5. Wiring Diagram Logic In a 3-phase bridge, there are 6 diodes arranged in a specific configuration: ```text Phase L1 ----|>|---- (+) ----|<|---- (-) Phase L2 ----|>|---- (+) ----|<|---- (-) Phase L3 ----|>|---- (+) ----|<|---- (-) ``` *(Where |>| represents a diode allowing current to flow to the Positive rail, and |<| represents a diode returning current from the Negative rail).*
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this rectifier can handle?
    • ⤷ Does this model require an external cooling fan or just a passive heatsink?
    • ⤷ How do I test the internal diodes of a 3QL60AK using a multimeter?