Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3QL60AQ

  • AI
    The **3QL60AQ** is a high-performance **Three-Phase Bridge Rectifier Module**. These components are primarily used to convert alternating current (AC) into direct current (DC) in industrial applications. --- ## 1. Technical Specifications The part number follows a standard nomenclature for power semiconductors. Here is a breakdown of its primary electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Circuit Type** | 3-Phase Bridge | Consists of 6 diodes connected in a bridge configuration. | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 600V - 1600V | Varies by sub-series, but typically rated for high-voltage industrial mains. | | **Average Forward Current ($I_F$)** | 60A | Can handle a sustained load of 60 Amperes. | | **Housing Style** | Q-Package / Module | Usually a screw-terminal module for chassis mounting. | | **Isolation Voltage** | 2500V AC | Electrical isolation between the internal circuit and the metal baseplate. | --- ## 2. Internal Circuitry The 3QL60AQ contains six power diodes. In a three-phase system, these diodes are arranged so that: 1. **Three diodes** connect the AC input phases to the Positive DC output. 2. **Three diodes** connect the AC input phases to the Negative DC output. ```mermaid graph LR A[Phase L1] --> D1[Diode 1] --> P[DC +] B[Phase L2] --> D2[Diode 2] --> P C[Phase L3] --> D3[Diode 3] --> P N[DC -] --> D4[Diode 4] --> A N --> D5[Diode 5] --> B N --> D6[Diode 6] --> C ``` --- ## 3. Key Applications Because of its 60A rating and three-phase capability, it is commonly found in: * **Variable Frequency Drives (VFDs):** Acts as the input stage to convert grid power to a DC bus. * **Battery Chargers:** High-capacity industrial chargers for forklifts or backup systems. * **DC Power Supplies:** Used in welding equipment and electroplating. * **Renewable Energy:** Rectifying AC output from wind turbines. --- ## 4. Installation & Thermal Management Since 60 Amperes generates significant heat, the following practices are mandatory: * **Heatsinking:** The module must be bolted to a finned aluminum heatsink. * **Thermal Paste:** A thin layer of thermal grease (TIM) must be applied between the module's baseplate and the heatsink. * **Torque:** Screws must be tightened to specific torque settings (usually 2-3 Nm) to ensure proper electrical and thermal contact. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 3QL60AQ module?
    • ⤷ Can this module be used in a single-phase application?
    • ⤷ How do I test a 3QL60AQ using a digital multimeter?