Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3QL60AS-

  • AI
    The **3QL60AS** is a high-power, three-phase bridge rectifier module. These components are essential in power electronics for converting Alternating Current (AC) into Direct Current (DC). --- ### 1. Key Technical Specifications The part number typically follows industry standards for power modules. Below are the representative specifications for this class of component: | Feature | Specification | | :--- | :--- | | **Circuit Configuration** | 3-Phase Bridge (6 Diodes) | | **Maximum Average Current ($I_o$)** | 60 Amperes | | **Peak Reverse Voltage ($V_{RRM}$)** | ~1200V to 1600V (depending on series) | | **Mounting Type** | Chassis Mount (Screw terminals) | | **Isolation Voltage** | 2500V AC (Standard) | --- ### 2. Internal Construction and Functionality The 3QL60AS consists of **six power diodes** interconnected in a bridge configuration. * **Inputs:** Three terminals for the AC input phases (L1, L2, L3). * **Outputs:** Two terminals for the DC output (Positive and Negative). * **Baseplate:** Usually made of copper or aluminum for efficient heat dissipation. It is electrically isolated from the terminals to allow direct mounting to a heatsink. ### 3. Pinout and Connection Diagram While physical layouts vary by manufacturer, the logical connection is as follows: ```text AC Phase 1 (R) ---->|---- (+) Output ---->|---- (-) Output AC Phase 2 (S) ---->|---- (+) Output ---->|---- (-) Output AC Phase 3 (T) ---->|---- (+) Output ---->|---- (-) Output ``` ### 4. Common Applications * **Inverter Drives:** Front-end rectification for Variable Frequency Drives (VFDs). * **Battery Chargers:** High-current DC power supplies for industrial charging stations. * **Welding Equipment:** Converting transformer AC to stable DC for arc welding. * **DC Motor Controls:** Providing the primary DC bus voltage for high-torque motors. --- ### 5. Installation Safety Tips 1. **Thermal Management:** Because this part handles 60A, it generates significant heat. Use **thermal grease** (heatsink compound) between the module and the heatsink. 2. **Torque:** Ensure terminal screws are tightened to the manufacturer's specified torque to prevent arcing or overheating due to high resistance. 3. **Polarity:** Always double-check DC output polarity before powering on, as reverse polarity can destroy sensitive downstream capacitors or semiconductors.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the heat sink size required for a 60A bridge rectifier?
    • ⤷ What are the common failure modes of a three-phase rectifier module?
    • ⤷ Can I use a 3QL60AS for a single-phase AC input?