3SBP5-R
AI

## Technical Overview: 3SBP 5-R Fuse
The **3SBP 5-R** is a specific type of electronic component, categorized as a **Subminiature Pigtail Fuse**. It is part of the 3SBP series manufactured by Bel Fuse Inc. These fuses are designed for space-constrained circuit protection applications.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the 3SBP 5-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 5 Amperes |
| **Voltage Rating (AC)** | 250 Volts |
| **Fuse Type** | Time-Lag (Slow Blow) |
| **Mounting Type** | Through-Hole (Axial Leaded) |
| **Material** | Glass Tube with Nickel Plated Brass Caps |
| **Interrupting Rating** | 200A @ 250V AC |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Functional Characteristics
The 3SBP 5-R is defined by several critical electronic behaviors:
* **Slow Blow (Time-Delay):** Unlike "Fast Acting" fuses, the 3SBP 5-R can withstand brief surges or "inrush currents" (common in motors or power supplies) without blowing immediately. It will only open the circuit if the overcurrent persists.
* **Pigtail Design:** The "pigtail" refers to the axial leads soldered to the end caps. This allows the fuse to be soldered directly onto a Printed Circuit Board (PCB) rather than requiring a fuse holder or clip.
* **Subminiature Form Factor:** The dimensions (typically 6.3mm x 32mm for standard, though the 3SBP series is often smaller at approx. 3.6mm x 10mm) allow for high-density electronic layouts.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
1. **3SBP:** The series name (3.6 x 10mm Slow Blow Pigtail).
2. **5:** The amperage rating (5 Amps).
3. **-R:** Indicates RoHS (Restriction of Hazardous Substances) compliance, meaning it is lead-free.
---
### 4. Common Applications
* **Consumer Electronics:** Power supplies for monitors and televisions.
* **Industrial Equipment:** Control circuits that experience momentary current spikes.
* **Chargers:** Used in laptop power adapters to protect against internal component failure.
---
- ⤷
What is the difference between the 3SBP series and the 3ABP series?
- ⤷ How do I calculate the proper I2t (Ampere squared seconds) for this fuse?
- ⤷ Are there specific soldering temperature guidelines for pigtail fuses to avoid damage?