Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4-R7

  • AI
    In the context of electronics, the notation **4R7** refers to a specific value of an electronic component, most commonly a **resistor** or an **inductor**. The "R" acts as both a decimal point and a multiplier/unit indicator. --- ### 1. Decoding the "4R7" Notation The alphanumeric code is part of the BS 1852 standard, used to prevent decimal points from being misread or disappearing due to printing errors on small components. | Code | Value | Interpretation | | :--- | :--- | :--- | | **4R7** | 4.7 Ohms ($\Omega$) | The 'R' is the decimal point for Ohms. | | **4K7** | 4.7 Kilo-ohms ($k\Omega$) | The 'K' is the decimal point for 1,000s. | | **4M7** | 4.7 Mega-ohms ($M\Omega$) | The 'M' is the decimal point for 1,000,000s. | --- ### 2. Common Components with 4R7 Marking #### A. Resistors A 4R7 resistor has a resistance of **4.7 $\Omega$**. * **Low Resistance:** This is a very low value, often used for current sensing, LED current limiting, or in RC snubber circuits. * **Power Handling:** These are frequently found in "Power Resistor" formats (e.g., 5W or 10W ceramic blocks) because low resistance often implies higher current flow. * **SMD Format:** On Surface Mount Devices (SMD), you will see "4R7" printed directly on the black casing of a 1206 or 0805 size chip. #### B. Inductors (Power Chokes) In modern power electronics (like laptop motherboards or GPU VRMs), "4R7" is a standard value for a power inductor. * **Value:** 4.7 Microhenries ($\mu H$). * **Function:** Used for filtering and energy storage in DC-to-DC buck converters. * **Appearance:** Usually a grey or black square metal-molded component. --- ### 3. Comparison Table | Feature | 4R7 Resistor | 4R7 Inductor | | :--- | :--- | :--- | | **Value** | 4.7 Ohms | 4.7 Microhenries | | **Primary Unit** | $\Omega$ | $\mu H$ | | **Purpose** | Limits current / Drops voltage | Filters noise / Stores energy | | **Standard Size** | Axial (striped) or SMD chip | Square molded metal | --- ### 4. Color Code Equivalent If you are looking for a traditional through-hole resistor with color bands, 4.7 $\Omega$ is represented as: 1. **Band 1:** Yellow (4) 2. **Band 2:** Violet (7) 3. **Band 3 (Multiplier):** Gold ($\times 0.1$) 4. **Band 4 (Tolerance):** Gold ($\pm 5\%$) or Silver ($\pm 10\%$)
    ✨ Follow-up Questions
    • ⤷ How do I distinguish between a 4R7 resistor and a 4R7 inductor on a circuit board?
    • ⤷ What happens if I replace a 4.7 ohm resistor with a 4.7k ohm resistor?
    • ⤷ How do I read 3-digit numeric codes like '470' compared to '4R7'?