Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4-RVW

  • AI
    The term **4-RVW** typically refers to a specific series or naming convention for **Variable Resistors**, commonly known as **Trimmer Potentiometers** (Trimpots). These are passive electronic components used to adjust, tune, and calibrate circuits. --- ### 1. Component Overview A 4-RVW component is usually a "cermet" (ceramic-metal) trimmer. It is designed to be mounted on a Printed Circuit Board (PCB) to allow for fine-tuning of resistance values. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Potentiometer / Variable Resistor | | **Adjustment Type** | Top-Adjust (usually) | | **Material** | Cermet (Resistance element) | | **Mounting** | Through-hole (THT) | | **Function** | Voltage divider or current limiter | --- ### 2. Key Internal Parts Trimmers like the 4-RVW consist of several critical mechanical and electrical parts: 1. **Resistive Element:** A circular track made of cermet. This is the path the electricity travels through. 2. **Wiper:** A metal contact that slides along the resistive element when you turn the screw. 3. **Adjustment Screw:** The mechanical interface (usually a flathead slot) used to move the wiper. 4. **Terminals:** Usually three pins: * **Pin 1 & 3:** The ends of the resistive track (fixed resistance). * **Pin 2:** The "Wiper" (variable resistance relative to Pin 1 or 3). 5. **Housing:** A plastic or ceramic casing that protects the internal parts from dust and moisture. --- ### 3. Common Applications These parts are not meant for frequent user adjustment (like a volume knob). Instead, they are used for "set and forget" calibrations: * **Voltage Regulation:** Setting the precise output voltage of a power supply. * **Sensor Calibration:** Adjusting the threshold or sensitivity of a light or heat sensor. * **Timing Circuits:** Fine-tuning the frequency of an oscillator (like a 555 timer). * **Audio Balancing:** Matching gain levels between two different audio channels. --- ### 4. Reading the Part Number While "4-RVW" defines the series/style, it is often followed by a resistance code (e.g., 4-RVW-103): | Code | Meaning | Total Resistance | | :--- | :--- | :--- | | **102** | 10 followed by 2 zeros | 1,000 $\Omega$ (1k) | | **502** | 50 followed by 2 zeros | 5,000 $\Omega$ (5k) | | **103** | 10 followed by 3 zeros | 10,000 $\Omega$ (10k) | | **204** | 20 followed by 4 zeros | 200,000 $\Omega$ (200k) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a potentiometer and a trimmer?
    • ⤷ How do I test a 4-RVW part using a multimeter?
    • ⤷ Can I replace a cermet trimmer with a carbon film version?