Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 40407

  • AI
    The term **"40407"** typically refers to a specific type of Germanium NPN transistor, famously manufactured by RCA and other electronics firms in the mid-20th century. Below is a detailed technical breakdown of this electronic component. --- ## 1. Component Overview: 40407 Transistor The 40407 is a **Germanium NPN Transistor** designed primarily for medium-power applications and high-fidelity (Hi-Fi) audio amplification. Because it is made of Germanium (rather than Silicon), it has a lower forward voltage drop but is more sensitive to temperature. ### Key Specifications | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Material** | Semiconductor Base | Germanium (Ge) | | **Polarity** | Junction Type | NPN | | **Package** | Case Style | TO-5 (Metal Can) | | **$V_{CEO}$** | Collector-Emitter Voltage | 24V - 30V | | **$I_C$** | Continuous Collector Current | 100mA - 150mA | | **$P_D$** | Power Dissipation | ~300mW | | **$h_{FE}$** | DC Current Gain | 50 - 200 | --- ## 2. Pinout Configuration The 40407 usually comes in a **TO-5** metal package. Looking from the bottom (pins facing you) with the tab pointing to the left/bottom: 1. **Emitter**: Often indicated by the tab or closest to it. 2. **Base**: The center lead. 3. **Collector**: The lead opposite the emitter (sometimes connected to the metal case). --- ## 3. Common Applications Due to its unique "warm" sound characteristics and vintage production era, the 40407 is mostly found in: * **Vintage Audio Amplifiers:** Used in the driver or output stages of 1960s and 70s transistor radios. * **Guitar Pedals:** Enthusiasts use these in "Fuzz" or "Overdrive" pedals because Germanium clipping is softer than Silicon. * **Oscillators:** Low-frequency signal generation. * **Restoration:** Replacing original parts in antique Hi-Fi equipment. --- ## 4. Modern Substitutes Since Germanium transistors are no longer in mass production and can suffer from "leakage" over time, engineers often look for replacements. ### Equivalent/Cross-Reference Parts * **NTE101:** A common universal replacement for medium-power Germanium NPNs. * **AC127:** A popular European Germanium NPN equivalent. * **2N2430:** Similar electrical characteristics. > **Note:** If replacing with a **Silicon** transistor (like the 2N2222), you must modify the biasing circuit because Silicon requires 0.7V to turn on, whereas the 40407 only requires ~0.3V.
    ✨ Follow-up Questions
    • ⤷ How does the 40407 compare to Silicon NPN transistors in terms of sound quality?
    • ⤷ What are the specific biasing requirements for Germanium transistors?
    • ⤷ Can I use a 40408 PNP transistor to create a push-pull pair with the 40407?