Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 40DR10

  • AI
    Based on electronic component naming conventions, the term **40DR10** typically refers to a specific type of **Power Diode Module** or a **Fast Recovery Rectifier**. These components are designed to handle high current and voltage in industrial applications. --- ### 1. General Specifications While specific manufacturers (like Vishay, IR, or generic industrial suppliers) may have slight variations, a "40DR10" usually breaks down into the following technical specifications: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Current Rating ($I_{F(AV)}$)** | 40 Amps | Average forward current the device can handle. | | **Voltage Rating ($V_{RRM}$)** | 1000 Volts | Maximum repetitive peak reverse voltage (10 = 1000V). | | **Component Type** | Power Diode | Often found in a "Stud Mount" or "Module" package. | | **Recovery Type** | Standard/Fast | Typically used for rectification or freewheeling. | --- ### 2. Key Features * **High Surge Capability:** Designed to withstand sudden spikes in current without failing. * **Low Forward Voltage Drop:** Minimizes power loss during conduction, improving efficiency. * **Thermal Management:** Usually features a metal base or threaded stud (M6/M8) to bolt directly onto a heatsink. * **Hermetic Sealing:** Often used in harsh environments to prevent moisture and dust from affecting the semiconductor junction. --- ### 3. Common Applications These parts are industrial-grade and are rarely found in consumer electronics. Common uses include: 1. **Battery Chargers:** High-current rectification for large-scale battery banks. 2. **Welding Equipment:** Converting AC power to high-current DC for arc welding. 3. **Motor Drives:** Used as "freewheeling diodes" to protect circuits from inductive kicks when a motor stops. 4. **Power Supplies:** Rectification stages in heavy-duty industrial DC power sources. --- ### 4. Identification and Package Styles * **Stud Mount:** A hexagonal metal body with a threaded bolt on one end and a wire terminal on the other. * **DO-5 / TO-208AD:** The standard physical package sizes associated with this current rating. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard recovery and a fast recovery diode like the 40DR10?
    • ⤷ How do I properly mount a stud-type diode to a heatsink?
    • ⤷ Can this diode be used in a bridge rectifier configuration?