Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 40FDR10

  • AI
    The **40FDR10** is a specialized power semiconductor component, specifically a **Fast Recovery Diode (Rectifier)**. These parts are designed to convert alternating current (AC) to direct current (DC) while maintaining high efficiency at high switching frequencies. --- ### 1. Key Technical Specifications Below are the typical technical parameters for a 40FDR series diode: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Current Rating ($I_F$)** | 40 Amperes | The maximum continuous forward current. | | **Voltage Rating ($V_{RRM}$)** | 1000 Volts | The maximum repetitive peak reverse voltage. | | **Recovery Time ($t_{rr}$)** | Fast | Designed to switch from "on" to "off" very quickly. | | **Package Type** | DO-5 / Stud Mount | Typically a metal stud-mount for high heat dissipation. | | **Forward Voltage ($V_F$)** | ~1.2V - 1.5V | The voltage drop across the diode when conducting. | --- ### 2. Physical Construction The "40FDR" series usually features a **Stud Mount** design. This allows the component to be bolted directly onto a metal heatsink. * **Anode/Cathode:** One terminal is the threaded stud (often the Cathode), and the other is a top lug or wire (Anode). * **Encapsulation:** Hermetically sealed in metal to withstand harsh industrial environments and high temperatures. --- ### 3. Core Functions The "FDR" designation stands for **Fast Diode Rectifier**. Its primary roles include: 1. **Rectification:** Converting AC power into DC power in high-voltage industrial power supplies. 2. **Freewheeling:** Used in motor control circuits to protect switching transistors from voltage spikes when the motor is turned off. 3. **High-Frequency Switching:** Unlike standard "General Purpose" diodes (like the 1N4007), fast recovery diodes can handle high-speed pulse-width modulation (PWM) without overheating due to switching losses. --- ### 4. Common Applications * **Welding Machines:** High-current DC output for arc welding. * **Battery Chargers:** Industrial-grade chargers for forklifts or backup systems. * **Inverters:** Part of the bridge circuit for DC-to-AC conversion. * **Induction Heating:** Used in the power stage of high-frequency heating equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard recovery and a fast recovery diode like the 40FDR10?
    • ⤷ How do I test a 40FDR10 using a digital multimeter?
    • ⤷ Can a 40FDR10 be replaced with a Schottky diode in high-voltage applications?