Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 40FDR10B

  • AI
    The **40FDR10B** is a high-performance, fast-recovery power diode commonly used in industrial rectification, welding equipment, and power supplies. It belongs to the "Fast Recovery Epitaxial Diode" (FRED) family. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the 40FDR10B: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 1000 V | | **Average Forward Current** | $I_{F(AV)}$ | 40 A | | **Reverse Recovery Time** | $t_{rr}$ | 100 - 200 ns | | **Forward Voltage Drop** | $V_F$ | ~1.3 V to 1.8 V | | **Operating Temperature** | $T_j$ | -40°C to +150°C | | **Package Type** | - | Usually DO-5 (Stud Mount) | --- ### 2. Core Functional Components The "40FDR10B" nomenclature typically breaks down as follows: * **40**: Represents the **40 Ampere** average current rating. * **FD**: Stands for **Fast Diode** (Fast Recovery). * **R**: Often denotes **Reverse Polarity** (where the anode is the stud) or specific series identification. * **10**: Indicates the voltage rating, usually multiplied by 100 (10 x 100 = **1000V**). * **B**: Revision or packaging variant code. --- ### 3. Electronic Characteristics & Benefits #### A. Fast Recovery Time ($t_{rr}$) Standard diodes take a long time to stop conducting when the voltage is reversed. The 40FDR10B is designed with a "fast recovery" characteristic, meaning it switches from a conducting to a non-conducting state very quickly. This reduces switching losses and prevents electromagnetic interference (EMI). #### B. High Voltage Tolerance With a 1000V rating, it is suitable for high-voltage DC links and three-phase rectification systems. #### C. Physical Construction (Stud Mount) The part usually features a **Stud Mount (DO-5)** design. This allows the diode to be screwed directly into a metal heatsink, ensuring efficient thermal dissipation, which is critical for handling 40A of continuous current. --- ### 4. Common Applications * **Inverters:** Used in the output stage to rectify high-frequency AC. * **Welding Machines:** High-current rectification for DC welders. * **Motor Controllers:** Providing freewheeling paths for inductive loads. * **Battery Chargers:** Industrial-grade chargers for large lead-acid or lithium banks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between standard and reverse polarity in stud-mount diodes?
    • ⤷ How do you calculate the required heatsink size for a 40A diode?
    • ⤷ Can the 40FDR10B be replaced by a Schottky diode for higher efficiency?