Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4124DL-T92-R

  • AI
    ### Overview of the 4124DL-T92-R The **4124DL-T92-R** is an electronic component commonly identified as a **Voltage Detector** or **Reset IC**, typically manufactured by UTC (Unisonic Technologies Co., Ltd). These devices are designed to monitor power supply rails and provide a reset signal to processors or logic circuits when the voltage falls below a specific threshold. --- ### Technical Specifications The following table outlines the key parameters generally associated with this specific part number: | Parameter | Specification | | :--- | :--- | | **Component Type** | Voltage Detector / Reset IC | | **Detection Voltage** | 2.4V (indicated by '24' in the code) | | **Output Type** | Open Drain (indicated by 'L') | | **Package Type** | TO-92 (indicated by 'T92') | | **Packing Type** | Tape & Reel or Tape Box (indicated by 'R') | | **Accuracy** | ±2% typical | | **Operating Current** | Low power consumption (usually < 1μA) | --- ### Pin Configuration (TO-92 Package) The TO-92 is a standard three-lead plastic package. For the 4124DL series, the pins are usually assigned as follows: 1. **Vout**: The output pin that triggers the reset. 2. **Vdd**: The input power supply/monitored voltage. 3. **Vss**: Ground (GND). --- ### Key Features and Applications #### Features * **High Precision**: Precise detection of the 2.4V threshold to protect sensitive electronics. * **Low Power Consumption**: Designed for battery-operated devices to extend life. * **Hysteresis**: Built-in hysteresis prevents "chatter" or multiple resets during slow voltage transitions. * **Open Drain Output**: Allows for level shifting and connecting multiple detectors to a single reset line. #### Common Applications * Microprocessor reset circuitry. * Battery life indicators/Low battery detectors. * Power failure detectors. * Memory backup circuit switching. --- ### Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **41**: Series identifier (UTC41XX). * **24**: Threshold voltage (2.4 Volts). * **D**: Reset Output Delay (standard). * **L**: Output type (Open Drain, Active Low). * **T92**: Package style (TO-92). * **R**: Packing code (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an Open Drain and a Push-Pull output in this IC?
    • ⤷ Can this component be used for voltages higher than 2.4V with a voltage divider?
    • ⤷ How does the hysteresis feature prevent false triggering in the 4124DL?