Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 415A1-R

  • AI
    The **415A1-R** is typically identified as a high-performance **Directional Coupler**, a passive RF (Radio Frequency) component manufactured by companies like **Aeroflex / Weinschel** (now part of Cobham/APITech). These components are essential in RF engineering for monitoring, measuring, and tapping signals without significantly interrupting the main transmission path. --- ## 1. Technical Specifications The "R" suffix often denotes **RoHS compliance** (Restriction of Hazardous Substances). Below are the typical specifications associated with this class of directional coupler: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 0.5 GHz to 18 GHz (Broadband) | | **Coupling Value** | 10 dB or 20 dB (Common variants) | | **Insertion Loss** | < 1.0 dB (Typical) | | **Directivity** | > 15 dB to 22 dB | | **Connector Type** | SMA (Female) | | **Power Rating** | 50 Watts (Average), 1 kW (Peak) | | **Impedance** | 50 Ohms | --- ## 2. Key Internal Components While a directional coupler is a "passive" part, its internal construction relies on precision microwave engineering: * **Main Line:** A high-conductivity transmission line (usually stripline or microstrip) that carries the bulk of the signal from the input to the output. * **Coupled Line:** A secondary line placed in close physical proximity to the main line. Energy is transferred via electromagnetic field coupling. * **Termination Resistor:** An internal 50-ohm load used to terminate one end of the coupled line to ensure high **Directivity** (ensuring power only flows to the coupled port from one direction). * **Dielectric Substrate:** High-frequency Teflon or ceramic-based materials that maintain consistent impedance across a wide temperature range. --- ## 3. Functional Ports The 415A1-R features a 3-port or 4-port configuration: 1. **Input Port (P1):** Where the RF signal enters. 2. **Output Port (P2):** Where the majority of the signal exits (minus a small amount of insertion loss). 3. **Coupled Port (P3):** Provides a sample of the input signal reduced by the coupling factor (e.g., -10dB). 4. **Isolated Port (P4):** Usually internally terminated in "3-port" models; this is where reflected power would appear. --- ## 4. Common Applications * **Power Monitoring:** Connecting a power meter to the coupled port to measure transmitter output in real-time. * **Signal Sampling:** Using a spectrum analyzer to check signal integrity without breaking the circuit. * **VSWR Measurement:** Measuring reflected power to determine the health of an antenna system. * **Feedback Loops:** Providing a reference signal for Automatic Gain Control (AGC) circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between directivity and isolation in this coupler?
    • ⤷ How does RoHS compliance (the -R suffix) affect the manufacturing materials?
    • ⤷ Can this component be used in high-power radar applications?