Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 4162J

  • AI
    The **4162J** typically refers to a high-precision, low-drift operational amplifier or a specific resistor network/trimmer component, depending on the manufacturer prefix. However, in the context of precision electronics, it most commonly refers to the **Burr-Brown (now Texas Instruments) 4162 series** or specialized precision components. Below is an overview of the specifications and characteristics associated with this part number. --- ### 1. Key Technical Specifications If referring to the precision operational amplifier/buffer series often used in industrial control: | Parameter | Typical Value / Range | | :--- | :--- | | **Type** | Precision Operational Amplifier / Isolation Component | | **Supply Voltage** | ±4.5V to ±18V | | **Input Offset Voltage** | Low (typically < 1mV for J grade) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade 'J') | | **Package Type** | DIP-8 or TO-99 Metal Can | | **Input Impedance** | Very High (FET Input stages) | ### 2. Suffix Meaning ('J') In electronic component coding (especially for brands like Burr-Brown, Analog Devices, or Bourns): * **J Grade:** This usually denotes the **Commercial Temperature Range** (0°C to 70°C). * **Performance:** It is often the "standard" precision grade. Higher grades (like K, L, or S) usually offer tighter tolerances or lower drift. ### 3. Common Applications Parts labeled 4162J are generally found in legacy and high-reliability industrial hardware: * **Data Acquisition Systems:** Used for signal conditioning before entering an Analog-to-Digital Converter (ADC). * **Medical Instrumentation:** High impedance inputs make them suitable for monitoring physiological signals. * **Test & Measurement:** Used in voltmeters and calibration equipment where signal integrity is critical. * **Analog Computing:** Historical use in integrators and summers due to low bias current. --- ### 4. Integration Example When designing with a precision part like the 4162J, decoupling capacitors are essential to maintain low noise. ```python # Conceptual Pinout for 8-Pin DIP Package Pins = { 1: "Offset Null", 2: "Inverting Input (-)", 3: "Non-Inverting Input (+)", 4: "V- (Negative Supply)", 5: "Offset Null", 6: "Output", 7: "V+ (Positive Supply)", 8: "NC (No Connection)" } ``` --- **Note:** If your 4162J is a **Bourns Trimming Potentiometer** or a **Resistor Network**, the "41" series indicates a Slimline SIP package. Please verify the physical appearance (3-pin/8-pin chip vs. a long multi-pin strip).
    ✨ Follow-up Questions
    • ⤷ Is your 4162J a multi-pin resistor network or an 8-pin integrated circuit?
    • ⤷ Which manufacturer brand is printed on the component housing?
    • ⤷ What specific circuit application are you planning to use this part for?