Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 426-R2

  • AI
    The **426-R2** generally refers to a specific series of high-performance **Industrial I/O Modules** or **Power Distribution units**, most commonly associated with industrial automation systems (such as those by companies like Allen-Bradley or specialized RF component manufacturers). Below is a breakdown of the electronic components and technical specifications typically found in these modules. --- ### 1. Key Technical Specifications The "R2" designation often implies a second revision or a specific environmental rating (such as Ruggedized). | Component Feature | Description | Typical Value | | :--- | :--- | :--- | | **Input Voltage** | Operating DC voltage range | 12V - 24V DC | | **Current Rating** | Maximum load per channel | 2A - 5A | | **Response Time** | Time to switch states | < 1ms | | **Isolation** | Galvanic isolation between logic and load | 1500V - 2500V AC | | **Mounting** | Installation type | DIN Rail or Panel Mount | --- ### 2. Internal Electronic Parts The 426-R2 architecture is comprised of several critical electronic stages: #### A. Input Conditioning Stage * **Optocouplers:** Used to provide electrical isolation between the sensitive control logic and the high-power field devices. This prevents surges from damaging the main controller. * **Zener Diodes:** Act as voltage regulators and protection against transient voltage spikes. #### B. Switching Elements * **MOSFETs / Relays:** Depending on the specific sub-model, it uses Solid State (MOSFET) for fast switching or Electromechanical Relays (R2 often signifies a Relay output) for high-current loads. * **Flyback Diodes:** Positioned across inductive loads to prevent back-EMF (electromotive force) from damaging the internal circuitry. #### C. Connectivity & Interface * **Terminal Blocks:** Screw-down or spring-clamp connectors for field wiring. * **LED Indicators:** Status indicators (usually Green for power, Amber/Red for I/O state or Fault) to allow for quick visual diagnostics. --- ### 3. Application Use Cases 1. **Industrial PLC Systems:** Acting as an intermediary between a Programmable Logic Controller and heavy machinery. 2. **Signal Routing:** Managing low-voltage signals in telecommunications or RF testing environments. 3. **Power Sequencing:** Controlling the order in which peripheral devices power on to avoid inrush current issues. --- ### 4. Safety and Protection Features * **Short-Circuit Protection:** Internal fuses or PTC (Positive Temperature Coefficient) thermistors that "trip" if a short is detected. * **Reverse Polarity Protection:** Diodes that prevent damage if the power supply leads are accidentally swapped.
    ✨ Follow-up Questions
    • ⤷ Is the 426-R2 you are referring to part of a specific brand like Allen-Bradley or a different RF manufacturer?
    • ⤷ Do you need the pinout diagram for the wiring terminals?
    • ⤷ Are you looking for a replacement part or troubleshooting an existing module?