Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 43A15-R2

  • AI
    The **43A15-R2** is a specialized electronic component, most commonly identified as a **High-Voltage Reed Relay** manufactured by companies like **Pickering Electronics** or similar high-reliability relay specialists. These parts are designed for precision switching in environments where high isolation and voltage resistance are required. --- ### 1. General Specifications The "43A" series typically refers to a specific form factor and voltage rating. Below is a breakdown of the typical electronic characteristics for the R2 variant: | Feature | Typical Specification | | :--- | :--- | | **Part Type** | High Voltage Reed Relay | | **Contact Configuration** | 1 Form A (Normally Open) | | **Max Switching Voltage** | Up to 1,000V - 1,500V DC | | **Stand-off Voltage** | Up to 3,000V - 4,000V DC | | **Coil Voltage** | 12V or 15V (Specific to "15" in part number) | | **Mounting Type** | Through-Hole (PCB) | --- ### 2. Internal Components & Construction The 43A15-R2 consists of four primary internal electronic elements: 1. **Reed Switch:** A glass-encapsulated switch containing ferromagnetic reeds. The contacts are often plated with **Rhodium or Tungsten** to handle high-voltage arcing without degrading. 2. **Electromagnetic Coil:** Wrapped around the reed switch. When the "15V" (indicated by the '15' in the part number) is applied, it creates a magnetic field that closes the contacts. 3. **Internal Mu-Metal Shield:** Many parts in this series include an internal magnetic shield to prevent electromagnetic interference (EMI) from affecting adjacent relays on a crowded PCB. 4. **Encapsulation:** The entire assembly is usually potted in a hard plastic or epoxy shell to provide environmental protection and high dielectric strength. --- ### 3. Pinout and Circuit Representation While you should always consult the specific manufacturer's datasheet, the standard layout for a 4-pin 43A series relay is as follows: ```text +-------------------+ | (1) (2) | <-- Coil Pins (12V/15V) | | | (3) (4) | <-- High Voltage Contacts +-------------------+ ``` ### 4. Typical Applications Because of its ability to switch high voltages while maintaining a very small footprint, the 43A15-R2 is used in: * **Automatic Test Equipment (ATE):** Testing insulation or semiconductors. * **Medical Electronics:** Used in defibrillators or imaging equipment where high-voltage isolation is critical. * **Cable Testers:** Measuring breakdown voltages in industrial wiring. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the 43A15-R2?
    • ⤷ Can this relay be used with a 5V logic controller directly?
    • ⤷ What are the common failure modes of high-voltage reed relays?