Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 440LD32-R

  • AI
    ### 440LD32-R: Technical Overview The **440LD32-R** is a specific model of a **Ceramic Disc Capacitor** manufactured by **Vishay Cera-Mite**. It is part of the 440L series, which are high-voltage, AC-rated capacitors designed primarily for suppression and safety applications. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics for the 440LD32-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | | **Capacitance Value** | 0.0032 µF (3.2 nF) | | **Tolerance** | ±20% | | **Voltage Rating (AC)** | 440 VAC (X1) / 300 VAC (Y1) | | **Dielectric Material** | Y5U (Class 2) | | **Operating Temperature** | -30°C to +125°C | | **Mounting Type** | Through-Hole (Radial Leads) | --- ### 2. Safety Classifications (X1/Y1) The "R" suffix and the series designation indicate that this part is a **Safety Rated Capacitor**. These are classified based on their ability to withstand high voltage surges: * **X1 Classification:** Designed for use in "across-the-line" applications. Even if the capacitor fails, it is unlikely to cause an electric shock, though it might pose a fire risk if not properly fused. * **Y1 Classification:** Designed for "line-to-ground" (bridging) applications. These have more stringent requirements because a failure could lead to a fatal electric shock. Y1 is the highest safety rating for line-to-ground capacitors. --- ### 3. Material and Construction * **Dielectric (Y5U):** This is a Class 2 ceramic material. It offers high volumetric efficiency (high capacitance in a small size) but has a non-linear temperature coefficient. The capacitance will vary significantly based on the operating temperature. * **Encapsulation:** The disc is coated with a flame-retardant epoxy resin (meeting UL 94 V-0 standards) to provide moisture resistance and electrical insulation. * **Leads:** Typically tinned copper wire for reliable soldering onto Printed Circuit Boards (PCBs). --- ### 4. Typical Applications Because of its safety ratings and high voltage tolerance, the 440LD32-R is commonly found in: * **EMI/RFI Filtering:** Reducing electromagnetic interference in power supplies. * **AC Adapter Front-ends:** Used in the primary circuit of laptop chargers and mobile adapters. * **Line-to-Ground Bypass:** Safely shunting high-frequency noise to the chassis ground. * **Industrial Equipment:** Power distribution units and motor controllers.
    ✨ Follow-up Questions
    • ⤷ What is the physical diameter and lead spacing of the 440LD32-R?
    • ⤷Can you explain the difference between Y1 and Y2 safety ratings?
    • ⤷How does the Y5U dielectric affect performance compared to NPO or X7R?