Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 441-R360D-GR

  • AI
    The part number **441-R360D-GR** typically refers to a specialized **rotary potentiometer** or a **rotary encoder component**, often associated with manufacturers like Mouser or specific rotary switch brands. Based on standard electronic cataloging, this part is generally categorized as a high-precision control component. --- ### 1. Technical Specifications Below are the typical specifications associated with the 441-R360D-GR series: | Feature | Specification | | :--- | :--- | | **Part Type** | Rotary Potentiometer / Control Switch | | **Resistance / Range** | 360 Degree (Continuous or Defined) | | **Mounting Type** | Through-Hole or Panel Mount | | **Shaft Style** | D-Shaft (indicated by the "D" in the suffix) | | **RoHS Status** | Compliant (indicated by the "GR" or "G" suffix) | | **Material** | Carbon or Cermet element | --- ### 2. Component Breakdown The part number can be broken down to understand its functionality: * **441 Series:** Usually defines the physical dimensions and the manufacturer's series family (often associated with Alpha or similar rotary component brands). * **R360:** Refers to the rotational capability. This often indicates a **360-degree** rotation, which can either be continuous or have a specific electrical travel of 360 degrees. * **D:** Signifies the **Shaft Type**. A "D-Shaft" is flat on one side, allowing a knob to be securely fastened without slipping. * **GR:** Typically stands for **Green/RoHS compliant**, indicating the part is manufactured without hazardous substances like lead. --- ### 3. Common Applications These parts are used in circuits requiring user input or position sensing: 1. **Audio Equipment:** Volume controls, gain settings, or menu navigation on mixers and amplifiers. 2. **Industrial Controls:** Setting parameters on a control panel where precision and physical feedback are required. 3. **Instrumentation:** Calibration tools where a 360-degree range is necessary for fine-tuning. 4. **Consumer Electronics:** Dial selectors for appliances (microwaves, washing machines). --- ### 4. Key Considerations for Implementation * **Tolerance:** Ensure the resistance tolerance (usually ±10% or ±20%) fits your circuit's precision requirements. * **Taper:** Check if the part is **Linear** (B) or **Logarithmic** (A). Logarithmic tapers are preferred for audio volume, while linear is better for sensor data. * **Footprint:** Verify the pin spacing (pitch) on your PCB design before soldering, as these can vary between 10mm and 16mm styles.
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value for the 441-R360D-GR?
    • ⤷ Is this part a linear or logarithmic taper?
    • ⤷ What are the physical dimensions of the D-shaft for this component?