Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 456-R

  • AI
    The **456-R** typically refers to a high-performance **Carbon Film Resistor** or a specific **Precision Power Resistor** configuration, often used in telecommunications or vintage audio equipment. Below is a breakdown of its technical specifications, construction, and common applications. --- ### 1. Technical Specifications Most components labeled under the "456-R" series (particularly from manufacturers like Ohmite or Vishay) follow these general parameters: | Feature | Description | | :--- | :--- | | **Resistance Value** | Usually 456 Ohms (indicated by the numerical code) | | **Tolerance** | $\pm 1\%$ to $\pm 5\%$ (depending on the precision rating) | | **Power Rating** | Typically 0.25W (1/4 Watt) to 2W | | **Material** | Carbon Film or Metal Oxide | | **Termination Style** | Axial Leaded (Through-hole) | --- ### 2. Component Construction The "456-R" is built to provide stability in low-to-medium power circuits. * **Resistive Element:** A thin film of carbon or metal is deposited onto a ceramic rod. * **Coating:** A protective epoxy or phenolic resin coating prevents moisture ingress and oxidation. * **End Caps:** Nickel-plated steel or copper caps are pressed onto the ends to ensure solid electrical contact with the leads. --- ### 3. Usage and Applications These resistors are widely used in circuits where specific impedance matching or voltage dropping is required. * **Audio Equipment:** Used in pre-amplifiers and signal processing to maintain low noise floors. * **Telecommunications:** Often found in legacy line cards and switching systems for signal termination. * **Prototyping:** Due to the axial lead design, they are a staple for breadboarding and educational electronics kits. --- ### 4. Reading the Code If the part is a standard resistor, the "456-R" nomenclature breaks down as follows: ```text 456 -> Significant Digits (4-5-6) R -> Multiplier/Decimal Point (or indicates "RoHS" compliance in modern parts) ``` *Note: In many modern manufacturing standards, "R" indicates the location of a decimal point (e.g., 4R56 = 4.56Ω). However, if listed as "456-R," the R often signifies **RoHS Compliance** (Lead-free).* ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the voltage drop across a 456-R resistor?
    • ⤷ What is the difference between carbon film and metal film versions of this part?
    • ⤷ How can I identify the tolerance of a 456-R using color bands?