Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 459-R1A

  • AI
    The component **459-R1A** typically refers to a high-performance **Reed Relay**, often manufactured by companies like **Standex Electronics** (formerly Coto Technology or similar specialized relay manufacturers). These components are designed for high-frequency switching and high-reliability applications where traditional mechanical relays would fail or introduce too much signal interference. --- ## 1. Core Specifications The "R1A" suffix generally denotes the contact form (Form A) and specific voltage or resistance ratings. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO: Single Pole Single Throw - Normally Open) | | **Switching Voltage** | Up to 200V - 500V DC (Model dependent) | | **Switching Current** | 0.5A to 1.0A | | **Coil Voltage** | Typically 5V or 12V DC | | **Package Type** | SIP (Single In-line Package) or DIP | | **Isolation Resistance** | > 10^10 Ohms | --- ## 2. Key Components & Construction The 459-R1A consists of several critical electronic sub-parts: 1. **The Reed Switch:** Two ferromagnetic blades (reeds) hermetically sealed in a glass tube filled with inert gas. 2. **The Electromagnetic Coil:** A copper wire winding wrapped around the glass tube. When energized, it creates a magnetic field to pull the reeds together. 3. **Magnetic Shield (Optional):** Many 459 series relays include an internal mu-metal shield to prevent electromagnetic interference (EMI) from affecting adjacent components. 4. **Damping Material:** Internal silicone or epoxy used to protect the glass tube from mechanical shock. --- ## 3. Common Applications Due to its high isolation and speed, this part is used in: * **ATE (Automatic Test Equipment):** Switching signals in semiconductor testing. * **Instrumentation:** Precision measurement devices requiring low thermal EMF. * **Telecommunications:** High-speed signal routing. * **Medical Electronics:** Isolation in patient-connected equipment. --- ## 4. Troubleshooting & Testing If you are testing this part with a multimeter, follow this logic: ```python # Pseudo-code for testing a 459-R1A Relay def check_relay(pin_coil, pin_switch): # 1. Check Coil Resistance if resistance(pin_coil) == 0: return "Coil Shorted" elif resistance(pin_coil) == "Infinite": return "Coil Open/Broken" # 2. Check Switch Continuity if energized(pin_coil) and resistance(pin_switch) > 1: return "Contact Pitting/Failure" return "Relay Functional" ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific coil voltage for the 459-R1A-5 variant?
    • ⤷ How does a Reed Relay differ from a Solid State Relay in terms of isolation?
    • ⤷ What are the pinout diagrams for the 459 series SIP package?