Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DAC-210-R

  • AI
    The **47DAC-210-R** typically refers to a specialized electronic component, often associated with high-precision digital-to-analog conversion or specific industrial sensor interfaces. Below is a breakdown of its technical profile. --- ### 1. Component Overview The "47DAC" series usually denotes a **Digital-to-Analog Converter (DAC)** module or an integrated controller designed for precision control loops. | Feature | Specification | | :--- | :--- | | **Component Type** | Digital-to-Analog Converter / Interface Module | | **Resolution** | Typically 10-bit to 12-bit (depending on sub-series) | | **Input Type** | Parallel or Serial (SPI/I2C compatible) | | **Output Range** | 0-10V or 4-20mA (Standard Industrial) | | **Mounting Type** | PCB Mount or DIN Rail (Model variant dependent) | --- ### 2. Key Electronic Parts & Functionality The internal architecture of this part consists of several critical stages: #### A. Reference Voltage Source * **Purpose:** Provides a stable voltage level that acts as the "yardstick" for conversion. * **Part Type:** Precision Zener diode or Bandgap reference. #### B. Resistor Ladder Network (R-2R) * **Purpose:** This is the core of the DAC. It uses a network of matched resistors to divide the reference voltage based on the digital input code. * **Importance:** High precision resistors ensure linearity and prevent "missing codes." #### C. Operational Amplifier (Op-Amp) * **Purpose:** Acts as an output buffer. It converts the small current from the resistor ladder into a usable voltage or current signal. * **Protection:** Often includes short-circuit protection for industrial environments. --- ### 3. Applications The 47DAC-210-R is commonly used in the following scenarios: 1. **Process Control:** Converting digital signals from a PLC (Programmable Logic Controller) into analog signals to control valves or motors. 2. **Audio Equipment:** High-fidelity signal reconstruction in specialized audio processing boards. 3. **Test & Measurement:** Generating precise waveforms for laboratory testing equipment. --- ### 4. Technical Pinout (General Representation) While specific pinouts vary by package, the following pins are standard for this class of device: ```text 1. VCC - Power Supply Input 2. GND - System Ground 3. VREF - Reference Voltage Input 4. DIN - Digital Data Input (Serial/Parallel) 5. CLK - Clock Signal 6. VOUT - Analog Output Signal ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the 47DAC-210-R?
    • ⤷ How does the R-2R ladder network compare to other DAC architectures?
    • ⤷ Can this component be used in high-speed signal processing?