Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DAC-211-R

  • AI
    The **47DAC-211-R** is a specific electronic component, typically categorized as a **Rotary Encoder** or a **BCD (Binary Coded Decimal) Rotary Switch**, often manufactured by companies like **Grayhill** or similar precision switch producers. Below is a detailed breakdown of its specifications, functionality, and internal parts. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Here is the general profile for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rotary Coded Switch / Encoder | | **Output Code** | Binary Coded Decimal (BCD) | | **Positions** | 10 or 16 Positions (Standard for 47D series) | | **Mounting Type** | Through-Hole (PCB) | | **Actuator Style** | Recessed / Flush Screwdriver Slot | | **Contact Rating** | Usually 100mA at 50V DC | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Internal Electronic Parts and Construction The 47DAC-211-R consists of several mechanical and conductive elements that work together to provide digital output: ### A. The Rotor (Actuator) The visible part (usually white or black) that the user turns. It features a slot for a screwdriver. Internally, the rotor has a specific pattern of conductive material (often gold-plated) that bridges the contacts. ### B. The Stator (Contact Base) A fixed ceramic or high-temperature plastic base containing the output pins. It has "tracks" that correspond to bits (1, 2, 4, 8) and a Common (C) pin. ### C. Contact System * **Wiping Contacts:** These are small metal "fingers" that slide across the stator. * **Gold Plating:** To ensure low contact resistance and prevent oxidation over long periods, the contacts are usually plated with gold over nickel. --- ## 3. Truth Table (BCD Logic) As you rotate the switch, the internal parts connect the **Common** pin to specific output pins. For a BCD output (10-position), the logic follows this pattern: | Position | Pin 1 (1) | Pin 2 (2) | Pin 3 (4) | Pin 4 (8) | | :--- | :--- | :--- | :--- | :--- | | **0** | Open | Open | Open | Open | | **1** | **Closed** | Open | Open | Open | | **2** | Open | **Closed** | Open | Open | | **3** | **Closed** | **Closed** | Open | Open | | **...** | ... | ... | ... | ... | | **9** | **Closed** | Open | Open | **Closed** | --- ## 4. Typical Applications These parts are used in "set and forget" configurations where a digital value needs to be assigned to a device without a screen or complex interface: * **Address Setting:** Setting the ID for a node on a CAN bus or RS-485 network. * **Mode Selection:** Choosing between different pre-programmed hardware modes. * **Industrial Controls:** Timers, counters, and PLC input modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between BCD and Gray Code in rotary switches?
    • ⤷ How do you debounce the output of a 47DAC-211-R in a digital circuit?
    • ⤷ Can this switch be used for AC voltage applications?