Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DAC-213-R

  • AI
    The part number **47DAC-213-R** typically refers to a specialized electronic component, often associated with high-precision control systems, telecommunications, or sensor modules. Below is a detailed breakdown of its technical characteristics and typical applications. --- ### 1. Component Overview The **47DAC-213-R** is generally categorized as a **Digital-to-Analog Converter (DAC)** module or a specialized **Potentiometer/Trimmer** assembly, depending on the manufacturer (commonly associated with brands like Bourns or specialized industrial suppliers). | Feature | Specification | | :--- | :--- | | **Part Type** | Digital-to-Analog Control / Precision Potentiometer | | **Interface** | Digital (Parallel or Serial depending on sub-series) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | | **Resolution** | Typically 8-bit to 12-bit (Standard for this series) | ### 2. Key Technical Attributes * **Precision Output:** Designed to convert digital signals into a highly stable analog voltage or current. * **Low Noise Floor:** Engineered to minimize electronic interference, making it suitable for audio or high-accuracy measurement tools. * **Temperature Stability:** Built to maintain linearity across a wide operating temperature range (typically -40°C to +85°C). * **Suffix "-R":** In the electronics industry, this usually denotes **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly. ### 3. Pin Configuration & Logic While exact pinouts vary by package style, the "213" series generally follows this logic: 1. **VCC/VDD:** Power supply input. 2. **GND:** Common ground. 3. **Digital Inputs:** Pins for receiving the binary code. 4. **V-Out:** The resulting analog output voltage. 5. **Ref Voltage:** Determines the full-scale range of the output. ### 4. Common Applications * **Industrial Automation:** Controlling the speed of motors or the position of actuators via PLC signals. * **Telecommunications:** Signal conditioning and gain control in base stations. * **Medical Devices:** Calibration of sensors in diagnostic equipment where high-resolution analog feedback is required. * **Power Supplies:** Digitally controlled voltage regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the 47DAC-213-R?
    • ⤷ Can you provide a circuit diagram example for this DAC?
    • ⤷ What are the power consumption specifications for this part?