Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DAC-218-R

  • AI
    The part number **47DAC-218-R** typically refers to a high-performance **Magnetic Incremental Rotary Encoder** manufactured by brands like **Grayhill** or specialized industrial sensor providers. --- ## 1. Technical Specifications The "47DAC" series is designed for precision tracking of rotational movement, converting mechanical motion into digital signals. | Feature | Specification | | :--- | :--- | | **Technology** | Magnetic Hall Effect (Non-contact) | | **Output Type** | Incremental (A, B, and Index Z channels) | | **Resolution** | Usually 128 to 256 Cycles Per Revolution (CPR) | | **Voltage Supply** | 5.0V DC (Standard) | | **Interface** | CMOS / TTL Compatible | | **Operating Temp** | -40°C to +85°C | | **Mechanical Life** | > 10,000,000 rotations (due to magnetic sensing) | --- ## 2. Key Components & Architecture ### Magnetic Sensing Element Unlike optical encoders that use a light source and a disk with slits, the **47DAC-218-R** uses a small permanent magnet attached to the rotating shaft. A specialized **Hall Effect IC** monitors the changes in the magnetic field to determine position. ### Signal Processing 1. **Quadrature Output:** It produces two square waves (A and B) offset by 90 degrees. This allows the controller to determine both **speed** and **direction**. 2. **Index Pulse (Z-Channel):** Provides a single pulse per full 360° rotation, used as a reference or "home" position. ### Construction (The "-R" Suffix) The suffix often denotes specific mechanical features or compliance: * **Mounting:** Usually features a threaded bushing for panel mounting. * **Termination:** Pin headers or ribbon cable connectors. * **RoHS Compliance:** The "R" frequently signifies adherence to RoHS (Restriction of Hazardous Substances) standards. --- ## 3. Common Applications Due to its non-contact nature, this part is highly durable and resistant to dust, oil, and vibration. * **Medical Equipment:** Precision dials on ventilators or imaging machines. * **Industrial Controls:** Parameter adjustment knobs on PLCs or motor controllers. * **Audio/Video:** High-end digital mixing consoles. * **Robotics:** Feedback loops for joint positioning in small-scale actuators. --- ## 4. Advantages vs. Disadvantages | Pros | Cons | | :--- | :--- | | **Longevity:** No physical wear on the sensor. | **Interference:** Susceptible to strong external magnetic fields. | | **Environment:** Operates well in dirty/dusty conditions. | **Resolution:** Generally lower resolution than high-end optical versions. | | **Compact:** Small form factor for PCB integration. | **Power:** Requires constant power to maintain position count. |
    ✨ Follow-up Questions
    • ⤷What is the difference between an incremental and an absolute encoder?
    • ⤷ How do I interface this encoder with an Arduino or microcontroller?
    • ⤷ What are the specific pinout configurations for the 47DAC series?