Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DM-1121-R

  • AI
    The **47DM-1121-R** is a specific electronic component belonging to the category of **DC Axial Fans**, typically manufactured by companies like **NMB Technologies** (MinebeaMitsumi). These fans are critical in thermal management for cooling electronic enclosures, power supplies, and industrial machinery. --- ## Technical Specifications The model number provides specific details about its physical and electrical characteristics. Below is a breakdown of the typical specifications for this series: | Property | Specification (Typical) | | :--- | :--- | | **Frame Size** | 119mm x 119mm | | **Thickness** | 25.5mm | | **Operating Voltage** | 12V DC | | **Bearing Type** | Dual Ball Bearing (Long life) | | **Material** | Plastic (PBT) Frame and Impeller | | **Termination** | Lead Wires (UL1007, AWG24) | | **Airflow** | High-volume axial flow | --- ### Internal Electronic Components To operate efficiently, the internal PCB of the 47DM-1121-R contains several key electronic parts: 1. **Brushless DC (BLDC) Motor Controller:** - Unlike AC fans, this uses an integrated circuit (IC) to switch the magnetic fields of the stator, eliminating the need for carbon brushes. 2. **Hall Effect Sensor:** - A small sensor inside the motor detects the position of the permanent magnet rotor to time the switching of the coils accurately. 3. **Protection Circuitry:** - **Polarity Protection:** Prevents damage if the positive and negative wires are reversed. - **Locked Rotor Protection:** Automatically shuts down or limits current if the fan blades are physically obstructed to prevent the motor from burning out. 4. **Permanent Magnet Rotor:** - Usually made of high-grade ferrite magnets attached to the internal hub of the fan blades. --- ### Key Features and Applications * **Longevity:** The "Ball Bearing" system used in the 47DM series allows for a much higher MTBF (Mean Time Between Failures) compared to sleeve bearing fans, especially in high-temperature environments. * **Low Noise:** Designed with aerodynamic blades to minimize turbulence. * **Applications:** * Server racks and networking equipment. * Industrial control cabinets. * Medical imaging equipment. * High-end desktop PC cooling. --- ### Comparison: Ball Bearing vs. Sleeve Bearing | Feature | Ball Bearing (47DM Series) | Sleeve Bearing | | :--- | :--- | :--- | | **Orientation** | Can be mounted in any direction | Best for vertical mounting | | **Lifespan** | ~50,000 to 70,000 hours | ~30,000 hours | | **Heat Tolerance** | High | Moderate |
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (Cubic Feet per Minute) rating for this fan?
    • ⤷ Can this fan be controlled using PWM signals?
    • ⤷ What is the standard current draw in Amperes for the 12V version?