Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DM-1124-R/Q

  • AI
    The **47DM-1124-R/Q** refers to a high-voltage, high-current **Relay**, typically utilized in automotive and industrial applications. This specific model belongs to the power relay family, often used for heavy load switching. --- ### Technical Specifications Below are the general specifications typical for this component series: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Coil Voltage** | 24V DC | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Contact Rating** | 40A to 70A (Load dependent) | | **Mounting Type** | PCB or Plug-in (depending on suffix) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Components & Functionality The part functions through the interaction of several internal electronic and mechanical elements: 1. **The Coil (24V DC):** When electricity flows through the copper coil, it creates a magnetic field. In this model, it is designed for 24V systems (common in trucks and industrial machinery). 2. **The Armature:** A pivoting piece of ferromagnetic metal that is pulled toward the coil when energized. 3. **Contacts:** Made of silver alloy (often Silver Tin Oxide) to resist "arcing" and welding under high current loads. The **47DM** series is known for handling high inrush currents. 4. **The Suffixes (-R/Q):** * **R:** Usually indicates a **Resistor** is connected in parallel with the coil to suppress voltage spikes (back-EMF) when the relay is turned off. * **Q:** Often refers to a specific quality standard or a change in terminal plating (e.g., Quick-connect terminals). --- ### Common Applications Due to its high current capacity, this relay is found in: * **Automotive:** Cooling fans, fuel pumps, and headlight circuits in 24V heavy-duty vehicles. * **Industrial:** HVAC systems and motor control circuits. * **Power Supplies:** Used as a safety disconnect or high-power switch. --- ### Typical Circuit Symbol ```mermaid graph LR A[Coil +] --- B(Spring/Armature) B --- C[Coil -] D[Input Pin 30] -.-> E[Output Pin 87] ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the 12V and 24V versions of this relay?
    • ⤷ How does the internal resistor protect the controlling transistor?
    • ⤷ What are the common failure modes for high-current relays?