Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DM-1127-R

  • AI
    The **47DM-1127-R** is a specific electronic component, typically categorized as a **Microphone Unit**, specifically a **Digital MEMS (Micro-Electro-Mechanical Systems)** microphone. These components are widely used in mobile devices, wearables, and IoT hardware due to their tiny footprint and high acoustic performance. ### 1. Technical Specifications Below are the general technical characteristics typically associated with this part number: | Feature | Specification | | :--- | :--- | | **Type** | MEMS (Micro-Electro-Mechanical Systems) | | **Output Type** | Digital (usually PDM - Pulse Density Modulation) | | **Directionality** | Omnidirectional | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Sensing Element** | Silicon Diaphragm | | **Package** | Metal Can or Plastic LGA | --- ### 2. Key Internal Components The "47DM" series generally consists of two primary integrated parts inside a single miniature housing: 1. **MEMS Sensor:** A tiny silicon capacitor diaphragm that vibrates in response to sound waves, changing the capacitance. 2. **ASIC (Application-Specific Integrated Circuit):** An internal chip that acts as a pre-amplifier and an Analog-to-Digital Converter (ADC). It converts the capacitive changes into a digital bitstream (PDM). --- ### 3. Pinout and Integration While specific datasheets should be consulted for exact pad layouts, digital MEMS microphones usually follow a standard 5 or 6-pin configuration: * **VDD:** Power Supply (typically 1.6V to 3.6V). * **GND:** Ground. * **CLK:** Clock input from the host processor (SoC/DSP). * **DATA:** Digital output signal. * **SELECT:** Configuration pin to determine if the microphone is "Left" or "Right" in a stereo pair. --- ### 4. Common Applications Due to the **-R** suffix (often indicating "RoHS Compliant" or "Reel" packaging), this part is designed for high-volume automated assembly in: * **Smartphones:** For noise cancellation and voice capture. * **Hearables:** TWS earbuds and headsets. * **Smart Speakers:** For far-field voice recognition. * **Laptops:** Integrated webcam/microphone arrays. --- ### 5. Mechanical Handling MEMS microphones are sensitive to environmental factors during manufacturing: * **Solder Reflow:** Must follow specific temperature profiles to avoid damaging the internal membrane. * **Contamination:** The "Acoustic Hole" (the tiny hole on the top or bottom) must not be clogged by dust, flux, or cleaning agents, as this will mute or destroy the component.
    ✨ Follow-up Questions
    • ⤷What is the difference between a PDM and an I2S digital microphone?
    • ⤷ How should I protect the acoustic port during the PCB cleaning process?
    • ⤷ What is the typical Signal-to-Noise Ratio (SNR) for this class of MEMS microphone?