Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DR-1127-R

  • AI
    The **47DR-1127-R** is a specific surface-mount device (SMD) power inductor commonly used in DC-DC converters and voltage regulation modules. It belongs to a class of shielded power inductors designed for high-density electronic circuits. --- ### 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Inductance** | 2.7 µH (Microhenries) | | **Tolerance** | ±20% (Typical) | | **DCR (DC Resistance)** | ~15.0 mΩ (Max) | | **Saturation Current ($I_{sat}$)** | ~5.0 A to 6.5 A (Depending on temperature rise) | | **Shielding** | Magnetically Shielded (Reduces EMI) | | **Operating Temp** | -40°C to +125°C | | **Package Type** | Surface Mount (SMD) | --- ### 2. Key Internal Components To understand the "electronic parts" of this inductor, we must look at its construction: * **Ferrite Core:** The heart of the inductor. It provides high magnetic permeability, allowing the device to store energy in a magnetic field efficiently. * **Copper Winding:** A precision-wound copper coil (usually flat wire or round wire) that carries the electrical current. * **Magnetic Shielding:** An outer coating or "drum" made of magnetic material that prevents the magnetic field from interfering with neighboring components on the PCB (Electromagnetic Interference). * **Terminations:** Solder-plated pads (usually Tin or Silver) that allow the component to be mounted via Reflow soldering. --- ### 3. Primary Applications This component is typically found in the following power management circuits: 1. **Buck/Boost Converters:** Used to smooth out current ripples in voltage stepping circuits. 2. **LED Drivers:** Provides stable current to high-brightness LEDs. 3. **Consumer Electronics:** Found in laptops, tablets, and gaming consoles where space is limited but high current is required. 4. **Automotive Infotainment:** Used in onboard systems due to its rugged temperature rating. --- ### 4. Circuit Symbol and Behavior In a schematic, the 47DR-1127-R is represented by the standard inductor symbol. Its behavior is defined by the formula: `V = L * (di/dt)` Where: - **V**: Induced voltage. - **L**: Inductance (2.7 µH). - **di/dt**: The rate of change of current.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in this part number?
    • ⤷ How does magnetic shielding improve the performance of this inductor?
    • ⤷ What are the common alternatives if the 47DR-1127-R is out of stock?