Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47DV-2115-R

  • AI
    The **47DV-2115-R** is a specific model of a **Miniature Low Profile Power Relay**, typically manufactured by brands like **Fujitsu** (formerly Takamisawa). These relays are widely used in automotive electronics and industrial automation due to their compact size and high switching capacity. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the technical limits of the component: | Segment | Meaning | Specification | |:---|:---|:---| | **47** | Series | 47 Series (Miniature Power Relay) | | **DV** | Construction | Sealed type (Washable) | | **2115** | Specification | Custom/Customer specific or Variant code | | **R** | Compliance | RoHS Compliant | --- ### 2. Key Technical Specifications While some 47DV variants are custom, they generally share the standard characteristics of the 47 Series: * **Contact Form:** Typically **1 Form C (SPDT)** – one common, one normally open, and one normally closed contact. * **Coil Voltage:** Usually **12V DC** (common in automotive) or **24V DC**. * **Switching Capacity:** Capable of handling high currents, often up to **20A to 30A** at 14V DC. * **Dimensions:** Approximately 15mm x 12mm x 14mm (Small footprint). * **Operating Temperature:** Generally ranges from **-40°C to +85°C**. --- ### 3. Internal Components & Materials The 47DV-2115-R consists of several critical electronic and mechanical parts: #### A. The Electromagnetic Coil * A copper wire winding that creates a magnetic field when energized. * The "2115" suffix often denotes the specific coil resistance or sensitivity required for the circuit. #### B. Contact Points * **Material:** Usually Silver Tin Oxide (AgSnO2). This material is chosen for its excellent resistance to "welding" (sticking) under high-current loads. #### C. The Armature and Spring * Mechanical components that move the contacts. In the "DV" (sealed) version, these are protected from dust and moisture, increasing the relay's lifespan in harsh environments. --- ### 4. Common Applications These relays are frequently found in: 1. **Automotive Modules:** Power windows, door locks, windshield wipers, and seat adjustments. 2. **HVAC Systems:** Controlling small motors or fans. 3. **Industrial Controls:** Signal switching in PLC (Programmable Logic Controller) outputs. --- ### 5. Circuit Symbol (Standard Relay) ```mermaid graph LR A[Coil +] --- B(Coil) B --- C[Coil -] D[Common] --- E{Switch} E --- F[Normally Closed] E --- G[Normally Open] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the 2115 variant?
    • ⤷ Can this relay be used for AC voltage switching?
    • ⤷ What are the pin layout dimensions for PCB mounting?