Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LAC-101G-R

  • AI
    The part number **47LAC-101G-R** typically refers to a **high-precision chip inductor** (or sometimes an EMI suppression component) produced by manufacturers like *Taiyo Yuden* or similar electronic component providers. Based on the alphanumeric coding, here is the detailed breakdown of its electronic characteristics. --- ## 1. Component Identification This component is an **Inductor**, specifically designed for surface-mount technology (SMT). It is often utilized in high-frequency circuits or power management modules where stability is critical. ### Technical Specification Table | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 100 µH | The "101" code signifies $10 \times 10^1$ | | **Tolerance** | ±2% (G) | High precision (G-grade) | | **Package/Case** | 47L (Specific Series) | Defines physical dimensions and footprint | | **RoHS Status** | Compliant (-R) | Lead-free and environmentally friendly | | **Material** | Ferrite / Wire-wound | Depends on the specific series build | --- ## 2. Deciphering the Part Number The part number is structured to communicate specific electrical properties: * **47L**: Represents the series identifier. In many catalogs, this refers to a specific physical size or a "Low Profile" inductor series. * **AC**: Often indicates the application type (e.g., Automotive Grade or specific core material). * **101**: The Inductance Value. * The first two digits (**10**) are significant figures. * The third digit (**1**) is the multiplier (number of zeros). * $10 \times 10^1 = 100$ Microhenries ($\mu H$). * **G**: The Tolerance code. **G** stands for **±2%**. This is considered high precision (standard inductors are often ±10% or ±20%). * **-R**: Typically stands for **RoHS compliant** or indicates a **Tape & Reel** packaging method. --- ## 3. Common Applications Due to its high precision (±2%), this part is generally found in: 1. **Filter Circuits:** Used in LC filters to provide precise frequency cutoff points. 2. **RF Circuits:** Matching networks for antennas where inductance values must be exact. 3. **Power Decoupling:** Removing high-frequency noise from power lines in sensitive sensors. 4. **Oscillators:** Ensuring stable frequency generation in timing circuits. --- ## 4. Selection Considerations When replacing or designing with the 47LAC-101G-R, pay attention to these secondary factors: * **DCR (DC Resistance):** Lower resistance is better for efficiency. * **Saturation Current ($I_{sat}$):** The point where the inductance drops by a certain percentage. * **Self-Resonant Frequency (SRF):** Ensure your operating frequency is well below this limit to maintain inductive behavior.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 47L package size?
    • ⤷ How does a ±2% tolerance compare to standard inductors in terms of cost and performance?
    • ⤷ Can you provide the saturation current rating for this specific inductor series?