Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LAC-162R-R

  • AI
    Based on the part number provided, **47LAC-162R-R** refers to a high-precision **Thin Film Chip Resistor**. These components are typically manufactured by brands like *Susumu* or *Cyntec* and are widely used in circuits requiring high stability and low noise. --- ### 1. Component Specifications The alphanumeric code describes the physical and electrical characteristics of the resistor. Below is a breakdown of the typical parameters for this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Resistor | Provides high accuracy and stability over time. | | **Resistance Value** | 1.6 kΩ (162R) | The "162R" indicates 1.62 or 1600 ohms depending on the coding standard. | | **Tolerance** | ±0.1% to ±0.5% | Extremely low margin of error (High Precision). | | **Package Size** | 0402 or 0603 | Typically surface-mount (SMD) small form factor. | | **Temperature Coeff.** | ±25 ppm/°C | Very low drift when the temperature changes. | --- ### 2. Key Features * **High Reliability:** Thin film technology is more stable than thick film, making it resistant to environmental aging. * **Low Noise:** Excellent for signal processing as it generates minimal thermal noise. * **Sulfur Resistance:** Often designed to operate in harsh industrial environments without corroding. * **RoHS Compliant:** The final "-R" usually indicates compliance with environmental regulations (Lead-free). --- ### 3. Applications Due to its precision, the **47LAC-162R-R** is commonly found in the following equipment: 1. **Medical Electronics:** Used in diagnostic tools where signal integrity is critical. 2. **Test & Measurement:** Integrated into multimeters and oscilloscopes. 3. **Automotive ECU:** Employed in control units for sensor signal conditioning. 4. **Telecommunications:** Used in base stations and high-speed networking hardware. --- ### 4. Sample Identification Table If you are replacing this part, ensure the replacement matches these critical values: | Feature | Value | | :--- | :--- | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Nichrome (Thin Film) | | **Power Rating** | 0.063W - 0.1W (Typical for this size) |
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimensions (package size) for the 47LAC series?
    • ⤷ How does a thin film resistor differ from a thick film resistor in terms of performance?
    • ⤷ Can you provide a cross-reference for an equivalent part from Vishay or Panasonic?