Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LAC-1D0R-R

  • AI
    The part number **47LAC-1D0R-R** belongs to a specific series of high-precision electronic components, typically categorized as a **Precision Thin Film Chip Resistor** or a specific high-stability resistor network. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Thin Film Precision Resistor | | **Resistance Value** | 1.0 $\Omega$ (indicated by "1D0R" or "1R0") | | **Tolerance** | Usually $\pm$0.5% or $\pm$1% (Series dependent) | | **Package/Case** | Surface Mount Device (SMD) | | **Termination** | Lead-free, RoHS Compliant | ### 2. Part Number Breakdown While manufacturers have unique naming conventions, the code usually follows this logic: * **47L**: Represents the series (often indicating low TCR - Temperature Coefficient of Resistance). * **AC**: Refers to the physical size or the temperature coefficient characteristics. * **1D0R**: This is the resistance code. "1D0R" typically translates to **1.0 Ohm**. * **R**: Generally stands for the packaging type, such as **Tape & Reel**. ### 3. Key Technical Characteristics Thin film resistors like the 47LAC series are engineered for performance in sensitive circuits. * **Low Noise:** Thin film construction results in significantly lower current noise compared to thick film alternatives. * **Temperature Stability:** These parts maintain a very consistent resistance value even as the operating temperature fluctuates (Low TCR). * **Precision:** Used where exact resistance values are critical for circuit logic or signal integrity. ### 4. Common Applications Due to its high precision, this component is commonly found in: 1. **Medical Electronics:** Monitoring equipment where signal accuracy is life-critical. 2. **Telecommunications:** Base stations and high-speed data transmission modules. 3. **Industrial Controls:** Sensor interfaces and PLC (Programmable Logic Controller) analog inputs. 4. **Test and Measurement:** Multimeters, oscilloscopes, and calibration tools. --- ### 5. Schematic Symbol and PCB Footprint In electronic design software (like Altium or KiCad), the part is represented as follows: ```text Symbol Footprint (Typical SMD) ______ _________________ -----| |----- | [ ] [ ] | | 1R | | [ ] [ ] | -----|______|----- |_________________| ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (Wattage) for this specific resistor size?
    • ⤷ How does a thin film resistor differ from a thick film resistor in terms of durability?
    • ⤷ Which manufacturers are the primary producers of the 47L series?