Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LAC-241YR-R

  • AI
    Based on the part number **47LAC-241YR-R**, this component belongs to the category of **Gas Discharge Tubes (GDTs)**, commonly used for overvoltage protection. These devices are designed to protect sensitive electronic equipment from voltage transients caused by lightning or power surges. --- ### 1. Component Specification Overview The "47LAC" series typically represents a miniature, high-performance gas tube. Below are the estimated technical specifications based on standard industry coding for this part type: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | 2-Electrode Arrestor | | **DC Spark-over Voltage** | 240V (±20%) | The voltage at which the device begins to conduct. | | **Impulse Discharge Current** | 5kA - 10kA | Maximum surge current handling (8/20μs wave). | | **Insulation Resistance** | > 1 GΩ | Resistance when the device is in a non-conducting state. | | **Capacitance** | < 1.0 pF | Extremely low, making it suitable for high-frequency lines. | | **Mounting Type** | Surface Mount (SMD) | The "R" suffix usually denotes Tape & Reel packaging. | --- ### 2. Breakdown of the Part Number While specific manufacturers (such as Littelfuse, Bourns, or TDK) have slight variations, the nomenclature generally breaks down as follows: * **47L / 47LAC**: Series identifier for a specific physical size and ceramic body type. * **241**: Voltage Rating code. The first two digits are significant figures, and the third is the multiplier. $24 \times 10^1 = 240\text{V}$. * **YR**: Tolerance and Designator. "Y" often refers to a 20% tolerance, and "R" may refer to the specific lead configuration or material. * **-R**: Packaging code, indicating **RoHS Compliant** and **Tape & Reel** delivery. --- ### 3. Key Electronic Functions * **Crowbar Effect**: When a surge exceeds 240V, the gas inside ionizes, turning the tube into a virtual short circuit to shunt the energy to ground. * **Low Capacitance**: Unlike Varistors (MOVs), GDTs have near-zero capacitance, meaning they do not distort high-speed data signals (e.g., Ethernet, DSL). * **Arc Voltage**: Once triggered, the voltage across the device drops to a very low level (usually <20V), protecting downstream components from heat. --- ### 4. Common Applications 1. **Telecommunications**: Protection for ADSL/VDSL modems and central office equipment. 2. **Power Supplies**: Input protection against AC line transients. 3. **Industrial Equipment**: Protection for RS-485 or CAN bus interfaces. 4. **Consumer Electronics**: Surge protection for CATV or satellite systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT and a TVS diode for circuit protection?
    • ⤷ How do I select the correct spark-over voltage for my application?
    • ⤷ What are the mounting footprints available for the 47LAC series?