Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LCT-140R-R

  • AI
    The part number **47LCT-140R-R** typically refers to a high-precision, low-resistance **Current Sense Resistor** (often associated with manufacturers like Delta or specialized power component suppliers). These components are critical for monitoring current flow in power management systems. --- ## Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Property | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Metal Plate / Shunt | | **Resistance Value** | 140 mΩ (milliohms) | `R-140` notation | | **Tolerance** | High Precision | ±1% (Standard) | | **Package / Case** | Surface Mount (SMD) | Varied (e.g., 2512 or similar) | | **Power Rating** | High Wattage | Typically 1W to 3W | | **Composition** | Metal Alloy | Low TCR (Temp. Coefficient) | --- ## Key Functions in a Circuit ### 1. Current Sensing (Ohm's Law) The part acts as a "shunt." By placing it in series with a load, a small voltage drop occurs across the resistor. This voltage is measured by an Integrated Circuit (IC) to calculate the exact current using: `I = V / R` ### 2. Overcurrent Protection In power supplies or battery management systems (BMS), if the voltage drop across the **47LCT-140R-R** exceeds a predefined threshold, the controller can shut down the system to prevent damage. ### 3. Feedback Loop Used in DC-DC converters to provide real-time feedback to the controller, ensuring the output current remains stable regardless of load changes. --- ## Common Applications * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or EVs. * **Power Supplies:** Switch-mode power supplies (SMPS) for voltage regulation. * **Motor Control:** Detecting stalls or regulating torque in BLDC motors. * **Automotive Electronics:** Managing power distribution modules. --- ## Design Considerations * **Heat Dissipation:** Because these resistors handle significant current, they must be soldered to large copper planes on the PCB to act as heat sinks. * **Kelvin Connection:** For maximum accuracy with a 140mΩ resistor, a 4-terminal (Kelvin) layout is recommended to eliminate the resistance of the PCB traces from the measurement.
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating for the 47LCT series?
    • ⤷ How does temperature affect the accuracy of this resistor?
    • ⤷ What are the alternatives if 140mΩ is out of stock?