Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LCT-14W0YR-R

  • AI
    The part number **47LCT-14W0YR-R** corresponds to a specialized component, typically a **current sense resistor** or a precise **shunt resistor** used in power management. Based on industry naming conventions (often associated with manufacturers like Isabellenhütte or similar precision resistor producers), here is the detailed breakdown. --- ## 1. Component Specification Overview | Feature | Specification Details | | :--- | :--- | | **Component Type** | Current Sense Resistor (SMD) | | **Resistance Value** | 47 mΩ (milliohms) | | **Power Rating** | Approximately 14 Watts (High Power Density) | | **Tolerance** | Usually ±1.0% or ±0.5% | | **Temperature Coefficient** | Low TCR (typically < 50 ppm/K) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ## 2. Part Number Deciphering While specific manufacturer codes vary, the string generally breaks down as follows: * **47L**: Represents the resistance value. **47** refers to the numerical value, and **L** often denotes the decimal point in milliohms (47.0 mΩ). * **CT**: Often refers to the series type (Ceramic/Copper Tech) or the specific terminal construction. * **14W**: Indicates the maximum power dissipation capacity, in this case, **14 Watts**. This is exceptionally high for a surface-mount component and usually requires a large heat-sink pad. * **0Y / 0YR**: Manufacturing internal code for temperature stability or specific material alloy (e.g., Manganin or Aluchrom). * **-R**: Standard industry suffix for **RoHS Compliant** and **Tape & Reel** shipping format. --- ## 3. Key Electronic Characteristics ### Power Dissipation and Thermal Management A 14W rating in a surface-mount form factor implies that the component is designed for **high-current sensing**. It utilizes a massive metal plate construction rather than a thin film to handle the heat generated by high amperage. ### Kelvin Connection (4-Terminal) High-power resistors like this often utilize a **4-terminal (Kelvin) design**. This separates the current path from the voltage sensing path, eliminating the resistance of the leads/solder joints from the measurement, ensuring extreme accuracy. ### Common Applications * **EV Battery Management Systems (BMS):** Monitoring charge/discharge cycles. * **Inverters/Converters:** Measuring high-speed switching currents. * **Industrial Power Supplies:** Over-current protection and feedback loops. * **Motor Control:** Precise torque and speed regulation via current feedback. --- ## 4. Typical Footprint (Dimensions) Given the 14W power rating, this part is likely an **SMD 4026** or **SMD 2725** size. ```text Structure: [ Metal Alloy Element ] | [ Copper Terminals ] <--- Heavy plating for high current | [ Thermal Substrate ] <--- For heat dissipation to the PCB ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 14W rating?
    • ⤷ Does this specific part require a 4-terminal Kelvin connection layout on the PCB?
    • ⤷ What are the recommended heat sinking techniques for a 14W SMD resistor?