Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 47LHZ-1D0YR-R

  • AI
    Based on the part number **47LHZ-1D0YR-R**, this component is a high-performance **Electrolytic Capacitor** typically manufactured by companies like **Lelon Electronics**. This specific series is designed for automotive and high-reliability industrial applications. --- ## Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Capacitance** | 470 µF | | **Voltage Rating** | 10V - 100V (Series dependent, common in 25V/50V range) | | **Temperature Range** | -55°C to +105°C (High Temperature Series) | | **Tolerance** | ±20% (M) | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Package/Case** | Vertical Chip Type | | **Compliance** | RoHS Compliant, AEC-Q200 (Automotive Grade) | --- ### Key Features and Construction 1. **Low Impedance (LHZ Series):** The "LHZ" designation indicates that this is a **low-impedance/low-ESR** capacitor. This allows it to handle higher ripple currents and remain stable in high-frequency switching environments. 2. **V-Chip Design:** The part is a "Vertical Chip" (V-Chip) SMD component, meaning it is designed for automated pick-and-place assembly on PCBs. 3. **Durability:** These capacitors are rated for a long life (typically 2,000 to 5,000 hours at their maximum temperature rating), making them suitable for power supplies and automotive modules. 4. **Anti-Vibration (Optional):** Many parts ending in "-R" or with specific suffixes include vibration-resistant platforms to withstand mechanical stress in automotive engines. --- ### Common Applications * **Automotive Electronics:** Used in ECUs (Engine Control Units), ADAS sensors, and infotainment systems. * **Power Supplies:** Filtering and smoothing in DC-DC converters. * **Industrial Automation:** Used in PLC (Programmable Logic Controller) power circuits. * **Consumer Electronics:** High-end audio/video equipment requiring stable power delivery. --- ### Breakdown of the Part Number Logic (Typical Lelon/Industry Standard) | Segment | Meaning | | :--- | :--- | | **47** | Base Capacitance value (often represented in code) | | **LHZ** | Series Name (Low Impedance, 105°C) | | **1D** | Voltage Code (e.g., 20V or 25V depending on manufacturer scale) | | **0YR** | Case Dimension Code (Diameter x Height) | | **R** | Packaging Code (usually Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the '1D' code in this series?
    • ⤷ How does 'Low ESR' benefit a power supply circuit?
    • ⤷ Are there through-hole equivalents for the 47LHZ series?